전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1910 데이터시트(Datasheet) 9 Page - STMicroelectronics

부품명 TDA1910
상세내용  10W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

 9 page
background image
APPLICATION INFORMATION (continued)
Figure 22. Two position DC tone control (10 dB boost 50 Hz and
20 KHz) using change of pin 1 resistance (muting function)
Figu re 23 . Fre quenc y re-
sponse of the circuit of fig. 22
Figure 24. 10 dB 50 Hz boos tone control using change of pin 1
resistance (muting function)
Figu re 25 . Fre quenc y re-
sponse of the circuit of fig. 24
Figure 26. Squelch function in TV applications
Figure 27. Delayed muting circuit
9/14
TDA1910




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE7000Integrated Circuit 5W Audio Amplifier with Muting 1 2 3 4 NTE Electronics
TDA19055W AUDIO AMPLIFIER WITH MUTING 1 2 3 4 5 MoreSTMicroelectronics
TDA72455W AUDIO AMPLIFIER WITH MUTING AND STAND-BY 1 2 3 4 5 MoreSTMicroelectronics
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4865750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA7053AStereo BTL audio output amplifier with DC volume control 1 2 3 4 5 MoreNXP Semiconductors
TDA9605HAudio processor with head amplifier for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TDA7294100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TAS5101TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE 1 2 3 4 5 MoreTI store

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl