전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-430A-E 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 STK672-430A-E
상세설명  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-430A-E 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button STK672-430A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
STK672-430A-E
No.A1127-10/21
Usage Notes
1. I/O Pins and Functions of the Control Block
[Pin description]
HIC pin
Pin Name
Function
7
MOI
Output pin for the excitation monitor
19
Vref
Current value setting
10
MODE1
11
MODE2
17
MODE3
Excitation mode selection
12
CLOCK
External CLOCK (motor rotation instruction)
13
CWB
Sets the direction of rotation of the motor axis
14
RESETB
System reset
15
ENABLE
Motor current OFF
16
FAULT1
8
FAULT2
Overcurrent/over-heat detection output
Description of each pin
[CLOCK (Phase switching clock)]
Input frequency: DC-20kHz (when using both edges) or DC-50kHz (when using one edge)
Minimum pulse width: 20
μs (when using both edges) or 10μs (when using one edge)
Pulse width duty: 40% to 50%
Both edge, single edge operation
M3:1 The excitation phase moves one step at a time at the rising edge of the CLOCK pulse.
M3:0 The excitation phase moves alternately one step at a time at the rising and falling edges of the CLOCK pulse.
[CWB (Motor direction setting)]
When CWB=0: The motor rotates in the clockwise direction.
When CWB=1: The motor rotates in the counterclockwise direction.
Do not allow CWB input to vary during the 7
μs interval before and after the rising and falling edges of CLOCK input.
[ENABLE (Forcible OFF control of excitation drive output A, AB, B, and BB, and selecting operation/hold status
inside the HIC)]
ENABLE=1: Normal operation
When ENABLE=0: Motor current goes OFF, and excitation drive output is forcibly turned OFF.
The system clock inside the HIC stops at this time, with no effect on the HIC even if input pins other than RESET
input vary. In addition, since current does not flow to the motor, the motor shaft becomes free.
If the CLOCK signal used for motor rotation suddenly stops, the motor shaft may advance beyond the control position
due to inertia. A SLOW DOWN setting where the CLOCK cycle gradually decreases is required in order to stop at the
control position.
[MODE1, MODE2, and MODE3 (Selecting the excitation mode, and selecting one edge or both edges of the CLOCK)]
Excitation select mode terminal (See the sample application circuit for excitation mode selection), selecting the
CLOCK input edge(s).
Mode setting active timing
Do not change the mode within 7
μs of the input rising or falling edge of the CLOCK signal.
[RESETB (System-wide reset)]
The reset signal is formed by the power-on reset function built into the HIC and the RESETB terminal.
When activating the internal circuits of the HIC using the power-on reset signal within the HIC, be sure to connect Pin
14 of the HIC to VDD.


유사한 부품 번호 - STK672-430A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-430A-E SANYO-STK672-430A-E Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-430A-E ONSEMI-STK672-430A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-430A-E SANYO-STK672-430A-E_11 Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
More results

유사한 설명 - STK672-430A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com