전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK760-221A-E 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 STK760-221A-E
상세설명  Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-221A-E 데이터시트(HTML) 7 Page - Sanyo Semicon Device

  STK760-221A-E Datasheet HTML 1Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 2Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STK760-221A-E
No. A1052-7/9
8: VTHON, VTHOFF
9: VTHUON, VTHUOFF
10: tON, tOFF, trr, Irr
11: Power factor (COS
φ)
3
2
VCC=18V
4
6
VREF
VONF
V
<Fig.8>
3
2
VCC
4
6
VONF=5.0V
V
VCC voltage
Pin6 voltage
Low
ON operation
VREF
VREF
<Fig.9>
Input signal
(0 to 5V)
90%
10%
tON
tOFF
22
19
18
2
4
3
8
15
IC
VB
Cs
100k
Ω
100
Ω
Input signal
VCC
tr
Irr
<Fig.10>
IC
Condition:
VAC=200V
VO=380V
Load1=400W
Load2=2kW
VO
ON/OFF
0V
AC INPUT
200V
GND
Vs (DC)
=21V
1
2
3
4
5
6
7
8
9 10 11 12 13
15
18
22
19
300k
Ω
300k
Ω
470
μF
/450V×2
0.010
Ω/5W
2.2
μF
/630V
27
Ω
2.2
μF
/630V
0.5mH/20A
ON: 4 Pin=5V
OFF: 4 Pin=0V (GND)
W
W
<Fig.11>


유사한 부품 번호 - STK760-221A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results

유사한 설명 - STK760-221A-E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK080 ETC-STK080 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK7358 SANYO-STK7358 Datasheet
57Kb / 3P
   Thick Film Hybrid IC
STK-024 SANYO-STK-024 Datasheet
108Kb / 1P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK437 ETC-STK437 Datasheet
134Kb / 1P
   THICK FILM HYBRID IC
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
logo
Sanyo Semicon Device
STK6722H SANYO-STK6722H Datasheet
114Kb / 3P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK082G ETC-STK082G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com