전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF634NSPBF 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRF634NSPBF
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF634NSPBF 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRF634NSPBF Datasheet HTML 1Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 2Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 3Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 4Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 5Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 6Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 7Page - Vishay Siliconix IRF634NSPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91033
www.vishay.com
S-Pending-Rev. A, 19-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRF634N, IRF634NL, IRF634NS, SiHF634N, SiHF634NL, SiHF634NS
Vishay Siliconix
FEATURES
• Advanced Process Technology
• Dynamic dV/dt Rating
• 175 °C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Fifth generation Power MOSFETs from Vishay utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die sizes up to HEX-4. It provides
the highest power capability and the lowest possible
on-resistance in any existing surface mount package. The
D2PAK (TO-263) is suitable for high current applications
because of its low internal connection resistance and can
dissipate up to 2.0 W in a typical surface mount application.
The
through-hole
version
(IRF634NL/SiHF634NL)
is
available for low-profile application.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
250
RDS(on) (Ω)VGS = 10 V
0.435
Qg (Max.) (nC)
34
Qgs (nC)
6.5
Qgd (nC)
16
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G D
S
TO-220
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRF634NPbF
IRF634NSPbF
IRF634NSTRLPbFa
IRF634NSTRRPbFa
IRF634NLPbF
SiHF634N-E3
SiHF634NS-E3
SiHF634NSTL-E3a
SiHF634NSTR-E3a
SiHF634NL-E3
SnPb
IRF634N
IRF634NS
IRF634NSTRLa
IRF634NSTRRa
-
SiHF634N
SiHF634NS
SiHF634NSTLa
SiHF634NSTRa
-
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
250
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
8.0
A
TC = 100 °C
5.6
Pulsed Drain Currenta
IDM
32
Linear Derating Factor
0.59
W/°C
Single Pulse Avalanche Energyb
EAS
110
mJ
Avalanche Currenta
IAR
4.8
A
Repetiitive Avalanche Energya
EAR
8.8
mJ
* Pb containing terminations are not RoHS compliant, exemptions may apply


유사한 부품 번호 - IRF634NSPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF634NSPBF IRF-IRF634NSPBF Datasheet
222Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF634NSPBF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com