전자부품 데이터시트 검색엔진 |
|
LC07422T 데이터시트(PDF) 7 Page - Sanyo Semicon Device |
|
LC07422T 데이터시트(HTML) 7 Page - Sanyo Semicon Device |
7 / 10 page LC07422T No.A0908-7/10 Outline of operation 1. System reset/power-down When the RESET_X pin is set to “VSS,” the system is reset, and all the circuits go into the power-down mode. After the power is turned on, perform this operation once without fail. When the system is reset, the contents of the register are initialized. (See register tables.) For the subsequent startup of each function, refer to the section “Control/start/stop sequence for reducing pop noise.” 2. ALC When the ALC is active, the PGA (programmable gain amplifier) gain value is automatically adjusted so that the audio level becomes the preset value. The PGA gain can be adjusted in a range from +34 to -14dB. By limiting the gain adjustment range to 0 to -14dB, this adjustment function can be made to work as a limiter function. The ALC operation can be stopped by a register setting. The ALC is then placed in the manual mode, and the PGA gain is adjusted by the register setting. For details, refer to the section “Description of ALC/limiter operation.” 3. A/D converter The A/D converter converts the analog PGA output signals into digital data, and the digital data is then output as 16- bit serial audio data. There are three formats supported: I 2S, left justification and right justification. The A/D converter incorporates a high-pass filter for canceling DC offset. The analog input range of the ADC is 0.6VDDadc. When VDDadc is 2.8V, 0dBfs is 1.68V. 4. D/A converter The D/A converter converts the digital 16-bit serial audio data into analog signals. There are three formats supported: I 2S, left justification and right justification. The D/A converter incorporates a high-pass filter for canceling DC offset. The analog input range of the ADC is 0.6VDDadc. When VDDadc is 2.8V, 0dBfs is 1.68V. 5. EVR This is an analog EVR. The gain can be set within a range from 0 dB to -65dB or mute (adjustable in steps). It is incorporated in the headphone and speaker amplifier path so that the output level of the headphones and speaker can be controlled separately from the line-out output. 6. Selector This selector is for selecting either the DAC or PGA output of the ALC. When the DAC output has been selected, the DAC output signals are output as the speaker amplifier and headphone amplifier output signals. When the PGA output has been selected, the signals from line input are all turned into analog signals to become the speaker amplifier and headphone amplifier output signals. 7. MIX This is the mixing circuit for the left- and right-channel audio signals. In other words, this functions as a monaural signal generator circuit to provide a monaural speaker amplifier input. The left- and right-channel signals are mixed on a 1:1 basis and then output through the -2dB amplifier. If the left- and right-channel signals are identical, the total gain becomes 4dB (= 6dB(doubled) -2dB). 8. SP AMP This is the monaural speaker amplifier. Its maximum output is 250mW (typ VDD =2.8V, 8Ω, THD+N = 10%). Inputs to the amplifier are the audio signal SP_AMPin pin and BEEPin pin signals. For the BEEPin pin signal, the mixing can be set ON or OFF, and the gain level can be selected (from –21 to –12dB). A thermal shutdown function is provided. When it is left enabled, the speaker amplifier operation is automatically shut down when the chip temperature has reached a high level. |
유사한 부품 번호 - LC07422T |
|
유사한 설명 - LC07422T |