전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC890561W 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LC890561W
상세설명  CMOS IC Digital Audio Interface Receiver with Built-in Data Buffer Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC890561W 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LC890561W Datasheet HTML 4Page - Sanyo Semicon Device LC890561W Datasheet HTML 5Page - Sanyo Semicon Device LC890561W Datasheet HTML 6Page - Sanyo Semicon Device LC890561W Datasheet HTML 7Page - Sanyo Semicon Device LC890561W Datasheet HTML 8Page - Sanyo Semicon Device LC890561W Datasheet HTML 9Page - Sanyo Semicon Device LC890561W Datasheet HTML 10Page - Sanyo Semicon Device LC890561W Datasheet HTML 11Page - Sanyo Semicon Device LC890561W Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
LC890561W
No8226-8/47
6.4 AC Characteristics
Table 6.4 AC Characteristics at Ta = -30 to 70°C, AVDD = DVDD = 3.0 to 3.6V, AGND = DGND = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DIN* Rising/Falling Edge Period
tRd, tFD
15
ns
DIN* Data Pulse Width
tWDI
20
ns
DIN* Duty
tDUTY
6-4-1
40
60
%
XIN Crystal Resonator Frequency
fXT0
6-4-2
24.576
MHz
XIN Crystal Resonator Frequency
fXT1
6-4-3
12.288
MHz
XIN Crystal Resonator Frequency
fXT2
6-4-4
12
25
MHz
XMCK Output Clock
fXO
6
25
MHz
VCO Free-Running Frequency
fVCO
6-4-5
1
100
MHz
CKOUT Output Clock Frequency
fMCK
1
100
MHz
CKOUT Duty
tDUTY
50
%
BCK Output Pulse Width
tWBO
1/128fs
ns
Output Data Setup Time
tDSO
1/256fs
ns
Output Data Hold Time
tDHO
6-4-6
1/256fs
ns
Output Delay
tBD
-10
0
10
ns
6-4-1: DIN* = 1 setting, at 1/2 DVDD
6-4-2: XSEL = 0 (Except MODE0 = 1 and MODE1 = 1 setup)
6-4-3: XSEL = 1 (Except MODE0 = 1 and MODE1 = 1 setup)
6-4-4: XSEL = 1 (MODE0 = 1 and MODE1 = 1 setup)
6-4-5: Ta = 25°C, DVDD = AVDD = 3.3V (At the time of recommendation circuit setup)
6-4-6: fs = input sampling frequency
Figure 6.1 AC Characteristics
DIN0 to 2
tWDI
tWDI
tDUTY
tDUTY
1.5V
tRD
tFD
BCK
tWBO
tWBO
DATAO
tDSO
tDHO
tBD
LRCK
VF
DATAO2


유사한 부품 번호 - LC890561W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

유사한 설명 - LC890561W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com