전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFD9020PBF 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRFD9020PBF
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD9020PBF 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRFD9020PBF Datasheet HTML 1Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 2Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 3Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 4Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 5Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 6Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 7Page - Vishay Siliconix IRFD9020PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 90170
www.vishay.com
S-81412-Rev. A, 07-Jul-08
1
Power MOSFET
IRFD9020, SiHFD9020
Vishay Siliconix
FEATURES
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• For Automatic Insertion
• End Stackable
• P-Channel
• 175 °C Opertaing Temperature
• Fast Switching
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provides the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost
effectiveness.
The 4 pin DIP package is a low cost machine-insertable case
style which can be stacked in multiple combinations on
standard 0.1" pin centers. The dual drain serves as a thermal
link to the mounting surface for power dissipation levels up to
1 W.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 15 mH, RG = 25 Ω, IAS = - 3.2 A (see fig. 12).
c. ISD ≤ - 11 A, dI/dt ≤ - 140 A/μs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
- 60
RDS(on) (Ω)VGS = - 10 V
0.28
Qg (Max.) (nC)
19
Qgs (nC)
5.4
Qgd (nC)
11
Configuration
Single
S
G
D
P-Channel MOSFET
HEXDIP
D
S
G
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
HEXDIP
Lead (Pb)-free
IRFD9020PbF
SiHFD9020-E3
SnPb
IRFD9020
SiHFD9020
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 1.6
A
TC = 100 °C
- 1.1
Pulsed Drain Currenta
IDM
- 13
Linear Derating Factor
0.0083
W/°C
Single Pulse Avalanche Energyb
EAS
140
mJ
Repetitive Avalanche Currenta
IAR
- 1.6
A
Repetitive Avalanche Energya
EAR
0.13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
1.3
W
Peak Diode Recovery dV/dtc
dV/dt
- 4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


유사한 부품 번호 - IRFD9020PBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFD9020PBF VISHAY-IRFD9020PBF Datasheet
265Kb / 9P
   Power MOSFET
01-Jan-2022
IRFD9020PBF VISHAY-IRFD9020PBF Datasheet
264Kb / 9P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFD9020PBF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com