전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM-8703 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 AM-8703
상세설명  Amorphous Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-8703 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  AM-8703 Datasheet HTML 1Page - Sanyo Semicon Device AM-8703 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
O2908HKIM No.A1304-1/2
AM-8703
Package Dimensions (unit : mm)
Note: Glass Substrate Thickness
: 1.1mm
Module Thickness
: 1.3mm max
Ordering number : ENA1304
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
Glass Juts(4 Corners)
Width : 0.6MAX, Length : 6.0MAX
Effective Area
Overcoat Side
Electrode
Electrode
Light Receiving Side
41.2
±0.3
4.75
±0.3
37.8
(1.05)
(2.35)
±0.2


유사한 부품 번호 - AM-8703

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
AM-8701 SANYO-AM-8701 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8705 SANYO-AM-8705 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
   Amorphous Solar Cell
More results

유사한 설명 - AM-8703

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
   Amorphous Solar Cell
B283 SANYO-B283 Datasheet
47Kb / 2P
   Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8801 SANYO-AM-8801 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-8701 SANYO-AM-8701 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8804 SANYO-AM-8804 Datasheet
41Kb / 2P
   Amorphous Solar Cell
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com