전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP15N60L 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRFP15N60L
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP15N60L 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRFP15N60L Datasheet HTML 1Page - Vishay Siliconix IRFP15N60L Datasheet HTML 2Page - Vishay Siliconix IRFP15N60L Datasheet HTML 3Page - Vishay Siliconix IRFP15N60L Datasheet HTML 4Page - Vishay Siliconix IRFP15N60L Datasheet HTML 5Page - Vishay Siliconix IRFP15N60L Datasheet HTML 6Page - Vishay Siliconix IRFP15N60L Datasheet HTML 7Page - Vishay Siliconix IRFP15N60L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91204
www.vishay.com
S-Pedning-Rev. B, 24-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFP15N60L, SiHFP15N60L
Vishay Siliconix
FEATURES
• Superfast Body Diode Eliminates the Need for
External Diodes in ZVS Applications
• Lower Gate Charge Results in Simple Drive
Requirements
• Enhanced dV/dt Capabilities Offer Improved Ruggedness
• Higher Gate Voltage Threshold Offers Improved Noise
Immunity
• Lead (Pb)-free Available
APPLICATIONS
• Zero Voltage Switching SMPS
• Telecom and Server Power Supplies
• Uninterruptible Power Supplies
• Motor Control Applications
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 2.9 mH, RG = 25 Ω, IAS = 15 A, dV/dt = 10 V/ns (see fig. 12a).
c. ISD ≤ 15 A, dI/dt ≤ 340 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (Ω)VGS = 10 V
0.385
Qg (Max.) (nC)
100
Qgs (nC)
30
Qgd (nC)
46
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRFP15N60LPbF
SiHFP15N60L-E3
SnPb
IRFP15N60L
SiHFP15N60L
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
15
A
TC = 100 °C
9.7
Pulsed Drain Currenta
IDM
60
Linear Derating Factor
2.3
W/°C
Single Pulse Avalanche Energyb
EAS
320
mJ
Repetitive Avalanche Currenta
IAR
15
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
280
W
Peak Diode Recovery dV/dtc
dV/dt
10
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


유사한 부품 번호 - IRFP15N60L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP15N60L IRF-IRFP15N60L Datasheet
171Kb / 9P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFP15N60L ISC-IRFP15N60L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP15N60LPBF IRF-IRFP15N60LPBF Datasheet
188Kb / 9P
   SMPS MOSFET
More results

유사한 설명 - IRFP15N60L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com