전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP17N50LPBF 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 IRFP17N50LPBF
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP17N50LPBF 데이터시트(HTML) 6 Page - Vishay Siliconix

  IRFP17N50LPBF Datasheet HTML 1Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 2Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 3Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 4Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 5Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 6Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 7Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
Document Number: 91205
6
S-Pending-Rev. A, 16-Jun-08
IRFP17N50L, SiHFP17N50L
Vishay Siliconix
Fig. 12 - Maximum Safe Operating Area
Fig. 14a - Unclamped Inductive Test Circuit
Fig. 15a - Basic Gate Charge Waveform
Fig. 13 - Maximum Avalanche Energy vs. Drain Current
Fig. 14b - Unclamped Inductive Waveforms
Fig. 15b - Gate Charge Test Circuit
0.1
1
10
100
1000
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
Driver
A
15 V
20 V
Q
GS
Q
GD
Q
G
VG
Charge
10 V
25
50
75
100
125
150
0
160
320
480
640
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
7A
10A
16A
IAS
VDS
tp
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


유사한 부품 번호 - IRFP17N50LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Vishay Siliconix
IRFP17N50LPBF VISHAY-IRFP17N50LPBF Datasheet
212Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP17N50LPBF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com