전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP23N50L 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 IRFP23N50L
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP23N50L 데이터시트(HTML) 6 Page - Vishay Siliconix

  IRFP23N50L Datasheet HTML 1Page - Vishay Siliconix IRFP23N50L Datasheet HTML 2Page - Vishay Siliconix IRFP23N50L Datasheet HTML 3Page - Vishay Siliconix IRFP23N50L Datasheet HTML 4Page - Vishay Siliconix IRFP23N50L Datasheet HTML 5Page - Vishay Siliconix IRFP23N50L Datasheet HTML 6Page - Vishay Siliconix IRFP23N50L Datasheet HTML 7Page - Vishay Siliconix IRFP23N50L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
Document Number: 91209
6
S-81352-Rev. A, 16-Jun-08
IRFP23N50L, SiHFP23N50L
Vishay Siliconix
Fig. 15a - Unclamped Inductive Test Circuit
Fig. 15b - Unclamped Inductive Waveforms
Fig. 16a - Gate Charge Test Circuit
Fig. 16b - Basic Gate Charge Waveform
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
Driver
A
15 V
20 V
IAS
VDS
tp
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
Q
GS
Q
GD
Q
G
VG
Charge
10 V


유사한 부품 번호 - IRFP23N50L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP23N50L IRF-IRFP23N50L Datasheet
104Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.190ohm, Id=23A)
logo
Vishay Siliconix
IRFP23N50L VISHAY-IRFP23N50L Datasheet
200Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP23N50L ISC-IRFP23N50L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP23N50L VISHAY-IRFP23N50L Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP23N50L VISHAY-IRFP23N50L Datasheet
236Kb / 10P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP23N50L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com