전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP31N50LPBF 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRFP31N50LPBF
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP31N50LPBF 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRFP31N50LPBF Datasheet HTML 1Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 2Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 3Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 4Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 5Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 6Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 7Page - Vishay Siliconix IRFP31N50LPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91220
2
S-81274-Rev. A, 16-Jun-08
IRFP31N50L, SiHFP31N50L
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
Coss eff. (ER) is a fixed capacitance that stores the same energy as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.26
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.28
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
50
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
2.0
mA
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 19 Ab
-0.15
0.18
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 19 Ab
15
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
5000
-
pF
Output Capacitance
Coss
-
553
-
Reverse Transfer Capacitance
Crss
-59
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V , f = 1.0 MHz
-
6630
-
VDS = 400 V , f = 1.0 MHz
-
155
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
-
276
-
Effective Output Capacitance
Coss eff. (ER)
-
200
-
Total Gate Charge
Qg
VGS = 10 V
ID = 31 A, VDS = 400 V,
see fig. 7 and 13b
-
-
210
nC
Gate-Source Charge
Qgs
--
58
Gate-Drain Charge
Qgd
-
-
100
Internal Gate Resistance
rG
f = 1 MHz, open drain
-
1.1
-
Ω
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 31 A,
RG = 4.3 Ω, see fig. 10b
-28
-
ns
Rise Time
tr
-
115
-
Turn-Off Delay Time
td(off)
-54
-
Fall Time
tf
-53
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
31
A
Pulsed Diode Forward Currenta
ISM
-
-
124
Body Diode Voltage
VSD
TJ = 25 °C, IS = 31 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 31 A
-
170
250
ns
TJ = 125 °C, dI/dt = 100 A/µsb
-
220
330
Body Diode Reverse Recovery Charge
Qrr
TJ = 25 °C, IS = 31 A, VGS = 0 Vb
-
570
860
nC
TJ = 125 °C, dI/dt = 100 A/µsb
-1.2
1.8
µC
Reverse Recovery Current
IRRM
TJ = 25 °C
-
7.9
12
A
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


유사한 부품 번호 - IRFP31N50LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP31N50LPBF VISHAY-IRFP31N50LPBF Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP31N50LPBF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com