전자부품 데이터시트 검색엔진 |
|
IRFPC50A 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
IRFPC50A 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 8 page www.vishay.com Document Number: 91241 4 S-Pending-Rev. A, 26-Jun-08 IRFPC50A, SiHFPC50A Vishay Siliconix Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage Fig. 7 - Typical Source-Drain Diode Forward Voltage Fig. 8 - Maximum Safe Operating Area 1 10 100 1000 10000 100000 1 10 100 1000 DS V , Drain-to-Source Voltage (V) V = 0V, f = 1MHz C = C + C , C SHORTED C = C C = C + C GS iss gs gd ds rss gd oss ds gd Ciss Coss Crss 0 20 40 60 80 0 4 8 12 16 20 Q , Total Gate Charge (nC) G FOR TEST CIRCUIT SEE FIGURE I = D 13 13A V = 120V DS V = 300V DS V = 480V DS 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 V ,Source-to-Drain Voltage (V) SD V = 0 V GS T = 25 C J ° T = 150 C J ° 0.1 1 10 100 1000 10 100 1000 1000 OPERATION IN THIS AREA LIMITED BY RDS(on) Single Pulse T T = 150 C = 25 C ° ° J C V , Drain-to-Source Voltage (V) DS 10us 100us 1ms 10ms |
유사한 부품 번호 - IRFPC50A |
|
유사한 설명 - IRFPC50A |