전자부품 데이터시트 검색엔진 |
|
IRFPE40PBF 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
IRFPE40PBF 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 91247 www.vishay.com S-81369-Rev. A, 07-Jul-08 1 Power MOSFET IRFPE40, SiHFPE40 Vishay Siliconix FEATURES • Dynamic dV/dt Rating • Repetitive Avalanche Rated • Isolated Central Mounting Hole • Fast Switching • Ease of Paralleling • Simple Drive Requirements • Lead (Pb)-free Available DESCRIPTION Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because its isolated mounting hole. It also provides greater creepage distances between pins to meet the requirements of most safety specifications. Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. VDD = 50 V, starting TJ = 25 °C, L = 31 mH, RG = 25 Ω, IAS = 5.4 A (see fig. 12). c. ISD ≤ 5.4 A, dI/dt ≤ 120 A/µs, VDD ≤ 600, TJ ≤ 150 °C. d. 1.6 mm from case. PRODUCT SUMMARY VDS (V) 800 RDS(on) (Ω)VGS = 10 V 2.0 Qg (Max.) (nC) 130 Qgs (nC) 17 Qgd (nC) 72 Configuration Single N-Channel MOSFET G D S TO-247 G D S Available RoHS* COMPLIANT ORDERING INFORMATION Package TO-247 Lead (Pb)-free IRFPE450PbF SiHFPE450-E3 SnPb IRFPE450 SiHFPE450 ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted PARAMETER SYMBOL LIMIT UNIT Drain-Source Voltage VDS 800 V Gate-Source Voltage VGS ± 20 Continuous Drain Current VGS at 10 V TC = 25 °C ID 5.4 A TC = 100 °C 3.4 Pulsed Drain Currenta IDM 22 Linear Derating Factor 1.2 W/°C Single Pulse Avalanche Energyb EAS 490 mJ Repetitive Avalanche Currenta IAR 5.4 A Repetitive Avalanche Energya EAR 15 mJ Maximum Power Dissipation TC = 25 °C PD 150 W Peak Diode Recovery dV/dtc dV/dt 2.0 V/ns Operating Junction and Storage Temperature Range TJ, Tstg - 55 to + 150 °C Soldering Recommendations (Peak Temperature) for 10 s 300d Mounting Torque 6-32 or M3 screw 10 lbf · in 1.1 N · m * Pb containing terminations are not RoHS compliant, exemptions may apply |
유사한 부품 번호 - IRFPE40PBF |
|
유사한 설명 - IRFPE40PBF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |