전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS43N50K 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRFPS43N50K
상세설명  RFPS43N50K
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS43N50K 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRFPS43N50K Datasheet HTML 1Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 2Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 3Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 4Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 5Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 6Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 7Page - Vishay Siliconix IRFPS43N50K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91262
2
S-81367-Rev. B, 21-Jul-08
IRFPS43N50K, SiHFPS43N50K
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 400 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.23
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.60
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
50
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 28 Ab
-
0.078
0.090
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 28 A
23
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
8310
-
pF
Output Capacitance
Coss
-
960
-
Reverse Transfer Capacitance
Crss
-
120
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
-
10170
-
VDS = 400 V, f = 1.0 MHz
-
240
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
-
440
-
Total Gate Charge
Qg
VGS = 10 V
ID = 47 A, VDS = 400 V,
see fig. 6 and 13b
-
-
350
nC
Gate-Source Charge
Qgs
--
85
Gate-Drain Charge
Qgd
-
-
180
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 47 A,
RG = 1.0 Ω, see fig. 10b
-25
-
ns
Rise Time
tr
-
140
-
Turn-Off Delay Time
td(off)
-55
-
Fall Time
tf
-74
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
47
A
Pulsed Diode Forward Currenta
ISM
-
-
190
Body Diode Voltage
VSD
TJ = 25 °C, IS = 47 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 47 A, dI/dt = 100 A/µsb
-
620
940
ns
Body Diode Reverse Recovery Charge
Qrr
-14
21
µC
Body Diode Recovery Current
IRRM
-38
-
A
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


유사한 부품 번호 - IRFPS43N50K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
logo
Vishay Siliconix
IRFPS43N50K VISHAY-IRFPS43N50K Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 31-Jan-11
logo
International Rectifier
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
logo
Vishay Siliconix
IRFPS43N50K VISHAY-IRFPS43N50K_17 Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com