전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54AW 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BAT54AW
상세설명  Schottky Rectifier, 2 x 0.1 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54AW 데이터시트(HTML) 1 Page - Vishay Siliconix

  BAT54AW Datasheet HTML 1Page - Vishay Siliconix BAT54AW Datasheet HTML 2Page - Vishay Siliconix BAT54AW Datasheet HTML 3Page - Vishay Siliconix BAT54AW Datasheet HTML 4Page - Vishay Siliconix BAT54AW Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 94268
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Sep-08
1
Schottky Rectifier, 2 x 0.1 A
BAT54AWPbF
Vishay High Power Products
FEATURES
• Small foot print, surface mountable
• Very low forward voltage drop
• Extremely fast switching speed for high
frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
This Schottky barrier diode is designed for high speed
switching
application,
voltage
clamping
and
circuit
protection. Miniature surface mount packages with reduced
foot print are excellent for portable application where space
is limited.
PRODUCT SUMMARY
IF(AV)
2 x 0.1 A
VR
30 V
2
1
3
(A)
(K)
(K)
SOT-323
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF
DC
0.2
A
VRRM
30
V
IFSM
tp = 10 ms sine
1.0
A
VF
30 mA DC, TJ = 25 °C
0.5
V
Pd
Power dissipation at TA = 25 °C
200
mW
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
BAT54AWPbF
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
DC
0.1
A
per device
0.2
Maximum peak one cycle
non-repetitive surge current
at TJ = 25 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
8.4
10 ms sine or 6 ms rect. pulse
1.0
* Pb containing terminations are not RoHS compliant, exemptions may apply


유사한 부품 번호 - BAT54AW

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT54AW PANJIT-BAT54AW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
GUANGDONG HOTTECH INDUS...
BAT54AW HOTTECH-BAT54AW Datasheet
985Kb / 2P
   Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
BAT54AW RECTRON-BAT54AW Datasheet
92Kb / 2P
   SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
FutureWafer Tech Co.,Lt...
BAT54AW FUTUREWAFER-BAT54AW Datasheet
2Mb / 21P
   Surface Mount Schottky Barrier Diode
07-FEB-2022 V 2.2
logo
Shenzhen Luguang Electr...
BAT54AW LUGUANG-BAT54AW Datasheet
325Kb / 2P
   Switching Diode
More results

유사한 설명 - BAT54AW

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAT54AW VISHAY-BAT54AW Datasheet
71Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 20-Oct-08
BAT54SWPBF VISHAY-BAT54SWPBF Datasheet
79Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 19-Sep-08
BAT54SW VISHAY-BAT54SW Datasheet
76Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 22-Aug-08
BAT54APBF VISHAY-BAT54APBF Datasheet
79Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54CPBF VISHAY-BAT54CPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54A VISHAY-BAT54A Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54S VISHAY-BAT54S Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54C VISHAY-BAT54C Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CWPBF VISHAY-BAT54CWPBF Datasheet
76Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com