전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CW 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 BAT54CW
상세설명  Schottky Diode, 2 x 0.1 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54CW 데이터시트(HTML) 5 Page - Vishay Siliconix

  BAT54CW Datasheet HTML 1Page - Vishay Siliconix BAT54CW Datasheet HTML 2Page - Vishay Siliconix BAT54CW Datasheet HTML 3Page - Vishay Siliconix BAT54CW Datasheet HTML 4Page - Vishay Siliconix BAT54CW Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


유사한 부품 번호 - BAT54CW

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
BAT54CW CITC-BAT54CW Datasheet
156Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Pan Jit International I...
BAT54CW PANJIT-BAT54CW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Vishay Siliconix
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
logo
Nexperia B.V. All right...
BAT54CW NEXPERIA-BAT54CW Datasheet
228Kb / 8P
   Schottky barrier diode
1 April 2023
logo
NXP Semiconductors
BAT54CW NXP-BAT54CW Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
More results

유사한 설명 - BAT54CW

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAT54APBF VISHAY-BAT54APBF Datasheet
79Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54CPBF VISHAY-BAT54CPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54C VISHAY-BAT54C Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54A VISHAY-BAT54A Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54S VISHAY-BAT54S Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54SPBF VISHAY-BAT54SPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54AWPBF VISHAY-BAT54AWPBF Datasheet
73Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 19-Sep-08
BAT54SW VISHAY-BAT54SW Datasheet
76Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 22-Aug-08
BAT54AW VISHAY-BAT54AW Datasheet
71Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com