전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR120TRL 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRLR120TRL
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR120TRL 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRLR120TRL Datasheet HTML 1Page - Vishay Siliconix IRLR120TRL Datasheet HTML 2Page - Vishay Siliconix IRLR120TRL Datasheet HTML 3Page - Vishay Siliconix IRLR120TRL Datasheet HTML 4Page - Vishay Siliconix IRLR120TRL Datasheet HTML 5Page - Vishay Siliconix IRLR120TRL Datasheet HTML 6Page - Vishay Siliconix IRLR120TRL Datasheet HTML 7Page - Vishay Siliconix IRLR120TRL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91324
2
S-81292-Rev. A, 16-Jun-08
IRLR120, IRLU120, SiHLR120, SiHLU120
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
--
50
Maximum Junction-to-Case (Drain)
RthJC
--
3.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.13
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
-
2.0
V
Gate-Source Leakage
IGSS
VGS = ± 10 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
25
µA
VDS = 80 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 5.0 V
ID = 4.6 Ab
-
-
0.27
Ω
VGS = 4.0 V
ID = 3.9 Ab
-
-
0.38
Forward Transconductance
gfs
VDS = 50 V, ID = 4.6 Ab
4.4
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
490
-
pF
Output Capacitance
Coss
-
150
-
Reverse Transfer Capacitance
Crss
-30
-
Total Gate Charge
Qg
VGS = 5.0 V
ID = 9.2 A, VDS = 80 V,
see fig. 6 and 13b
--
12
nC
Gate-Source Charge
Qgs
--
3.0
Gate-Drain Charge
Qgd
--
7.1
Turn-On Delay Time
td(on)
VDD = 50 V, ID = 9.2 A,
RG = 9.0 Ω, RD = 5.2 Ω, see fig. 10b
-9.8
-
ns
Rise Time
tr
-64
-
Turn-Off Delay Time
td(off)
-21
-
Fall Time
tf
-27
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contactc
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
7.7
A
Pulsed Diode Forward Currenta
ISM
--
31
Body Diode Voltage
VSD
TJ = 25 °C, IS = 7.7 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 9.2 A, dI/dt = 100 A/µsb
-
110
140
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.80
1.0
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


유사한 부품 번호 - IRLR120TRL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR120 IRF-IRLR120 Datasheet
181Kb / 6P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRLR120 VISHAY-IRLR120 Datasheet
1Mb / 11P
   Power MOSFET
Rev. D, 04-Feb-13
logo
Inchange Semiconductor ...
IRLR120 ISC-IRLR120 Datasheet
332Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLR120 VISHAY-IRLR120 Datasheet
1Mb / 13P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRLR120A ISC-IRLR120A Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRLR120TRL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com