전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA7454 데이터시트(Datasheet) 6 Page - STMicroelectronics

부품명 TDA7454
상세내용  4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

 
 6 page
background image
8
101214
16
18
Vs (V)
40
80
120
160
200
240
Id (mA)
Vi = 0
RL = 4 Ohm
Figure 3: Quiescent Current vs. Supply Voltage
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
Po (W)
RL= 4 Ohm
f= 1 KHz
THD= 10 %
THD = 1 %
Figure 4: Output Power vs. Supply Voltage
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
60
Po (W)
RL= 4 Ohm
f= 1 KHz
Figure 5: Max. Output Power vs. Supply Voltage
8
9
10
11
12
13
14
15
16
Vs (V)
5
10
15
20
25
30
35
40
45
50
Po (W)
RL = 2 Ohm
f= 1 KHz
THD = 10 %
THD = 1 %
Figure 6: Output Power vs. Supply Voltage
8
9
10
11
12
13
14
15
16
Vs (V)
15
20
25
30
35
40
45
50
55
60
65
70
75
Po (W)
RL= 2 Ohm
f= 1 KHz
Figure 7: Max. Output Power vs. Supply Voltage
01
10
Po (W)
0
0.1
1
10
THD (%)
f = 10 KHz
RL = 4 Ohm
f= 1 KHz
HI-EFF MODE
Figure 8: THD vs. Output Power
TDA7454
6/13




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA7384A4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA1565THHigh efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA73814 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73752 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
TDA73834 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73854 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73864 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA739135W BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA1564High efficiency 2 X 25 W/4 stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA75604 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl