전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-016M004B 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 LCD-016M004B
상세설명  16 x 4 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016M004B 데이터시트(HTML) 1 Page - Vishay Siliconix

  LCD-016M004B Datasheet HTML 1Page - Vishay Siliconix LCD-016M004B Datasheet HTML 2Page - Vishay Siliconix LCD-016M004B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
45
LCD-016M004B
Vishay
Document Number: 37266
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
16 x 4 Character LCD
FEATURES
• 5 x 8 dots includes cursor
• Built - in controller (KS 0066 or Equivalent)
• + 5V power supply (Also available for + 3V)
• 1/16 duty cycle
• B/L to be driven by pin 1, pin 2, or pin 15, pin 16 or A and K
• N.V. optional for + 3V power supply
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
70.6 x 60.0
mm
Viewing Area
60.0 x 32.6
mm
Mounting Hole
65.6 x 50.0
mm
Character Size
2.95 x 4.75
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 0.3
7.0
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
Display Position
DD RAM Address
DD RAM Address
DD RAM Address
DD RAM Address
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.7
5.0
5.3
V
VDD = + 3V
2.7
3.0
5.3
V
Supply Current
IDD
VDD = + 5V
1.65
mA
- 20
°C
5.0
5.1
5.7
Recommended LC Driving
VDD - V0
0
°C
4.6
4.8
5.2
V
Voltage for Normal Temp.
25
°C
4.1
4.5
4.7
Version Module
50
°C
3.9
4.2
4.5
70
°C
3.7
3.9
4.3
EL Power Supply Current
IEL
Vel = 110VAC; 400Hz
5.0
mA
DISPLAY CHARACTER ADDRESS CODE:
1
2
3
4
56
7
8
9
10
1112
13
14
15
16
00
01
0F
40
41
4F
10
11
1F
50
51
5F


유사한 부품 번호 - LCD-016M004B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016M004A VISHAY-LCD-016M004A Datasheet
112Kb / 3P
   16 x 4 Character LCD
Revision 01-Oct-02
More results

유사한 설명 - LCD-016M004B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016N004B VISHAY-LCD-016N004B Datasheet
76Kb / 3P
   16 x 4 Character LCD
Revision: 09-Oct-12
LCD-016N004A VISHAY-LCD-016N004A_V01 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016N004A VISHAY-LCD-016N004A_V02 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2023
LCD-016M004A VISHAY-LCD-016M004A Datasheet
112Kb / 3P
   16 x 4 Character LCD
Revision 01-Oct-02
LCD-016N004A VISHAY-LCD-016N004A Datasheet
78Kb / 3P
   16 x 4 Character LCD
Revision: 09-Oct-12
LCD-016N004B VISHAY-LCD-016N004B_V01 Datasheet
73Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016M001L VISHAY-LCD-016M001L Datasheet
79Kb / 2P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com