전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-128X064C 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 LCD-128X064C
상세설명  128 x 64 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128X064C 데이터시트(HTML) 1 Page - Vishay Siliconix

  LCD-128X064C Datasheet HTML 1Page - Vishay Siliconix LCD-128X064C Datasheet HTML 2Page - Vishay Siliconix LCD-128X064C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
101
LCD-128X064C
Vishay
Document Number: 37241
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• Built-in controller (KS0713)
• + 3V or +5V power supply
• 1/64 duty cycle
• Optional touch panel
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
56.0 x 42.5
mm
Viewing Area
52.0 x 33.5
mm
Dot Size
0.35 x 0.4
mm
Dot Pitch
0.37 x 0.42
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 2.4
5.5
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
128 x 64 Dots Graphic LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.8VDD
–VDD
V
VIO
H level
V
Supply Current
IDD
VDD = 5V
mA
Recommended LC Driving
0
°C
9.3
9.8
10.3
Voltage for Normal Temp.
VDD-V0
25
°C
7.9
8.4
8.9
V
Version Module
50
°C
7.0
7.5
8.0
EL Power Supply Current
IEL
Vel =110VAC;400Hz
mA


유사한 부품 번호 - LCD-128X064C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results

유사한 설명 - LCD-128X064C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064J VISHAY-LCD-128G064J Datasheet
112Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064C VISHAY-LCD-128G064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064A VISHAY-LCD-128G064A Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064D VISHAY-LCD-128G064D Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064E VISHAY-LCD-128G064E Datasheet
123Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com