전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-160G128B 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 LCD-160G128B
상세설명  160 x 128 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160G128B 데이터시트(HTML) 1 Page - Vishay Siliconix

  LCD-160G128B_08 Datasheet HTML 1Page - Vishay Siliconix LCD-160G128B_08 Datasheet HTML 2Page - Vishay Siliconix LCD-160G128B_08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
109
LCD-160G128B
Vishay
Document Number: 37279
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
160 x 128 Dots Graphic LCD
FEATURES
• Built in controller TOSHIBA-(T6963C or equivalent)
• + 5V power supply
• 1/28 duty cycle
• N.V. optional
• Built in CCFL inverter
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
129.0 x 102.0
mm
Viewing Area
101.0 x 82.0
mm
Dot Size
0.54 x 0.54
mm
Dot Pitch
0.58 x 0.58
mm
Mounting Hole
122.0 x 96.2
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.25
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0
0.3VDD
V
Supply Current
IDD
VDD = 5V
45
50
mA
- 20
°C
19.9
21.0
22.1
Recommended LC Driving
VDD - V0
0
°C
19.0
21.2
V
Voltage for Normal Temp.
25
°C
18.6
19.1
19.6
Version Module
50
°C
16.2
16.5
16.8
70
°C
11.6
9.1
12.8
CCFL Forward Voltage
VF
25
°C
256
560
V
CCFL Forward Current
IF
25
°C
5.0
mA
LED Forward Voltage
VF
25
°C
4.6
4.6
V
LED Forward Current
IF
25
°C
500
mA


유사한 부품 번호 - LCD-160G128B_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results

유사한 설명 - LCD-160G128B_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128C VISHAY-LCD-160G128C Datasheet
112Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160H128B VISHAY-LCD-160H128B Datasheet
61Kb / 3P
   160 x 128 Graphic LCD
Revision: 11-Dec-12
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com