전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-240G064C 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-240G064C
상세설명  240 x 64 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240G064C 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-240G064C Datasheet HTML 1Page - Vishay Siliconix LCD-240G064C Datasheet HTML 2Page - Vishay Siliconix LCD-240G064C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37249
Revision 01-Oct-02
www.vishay.com
126
LCD-240G064C
Vishay
For Technical Questions, Contact: Displays@Vishay.com
240 x 64 Dots Graphic LCD
PIN NUMBER
SYMBOL
FUNCTION
1
FG
Frame Ground
2
Vss
Power Supply (GND)
3
Vdd
Power Supply (+ 5V)
4
V0
Contrast Adjustment
5
WR
Data Write
6
RD
Data Read
7
CE
Chip Enable
8
C/D
Command/Data Read/Write
9
Vee
Negative Voltage Output
10
Reset
Reset Signal
11
DB0
Data Bus Line
12
DB1
Data Bus Line
13
DB2
Data Bus Line
14
DB3
Data Bus Line
15
DB4
Data Bus Line
16
DB5
Data Bus Line
17
DB6
Data Bus Line
18
DB7
Data Bus Line
19
FS
Font Selection FS = “H”, 6 x 8 Character Font
FS = “H” 8 x 8 Character Font
20
NC
No Connection
DIMENSIONS in millimeters
CCFL
LED
EL/NO
H1
14.3
16.0
10.1
H2
7.8
11.0
5.1
188.5
± 0.5
180.0
± 0.5
154.6
133.0 (VA)
127.16 (AA)
13.3
23.5
26.42
3.5
176.0
7.0
2.0
1.5
SH - 2530
4 - Ø 3.5 PTH
4 - Ø 7.0 PAD
120
± 10
H1 MAX
H2
1.6
2.54
4.13
20 - Ø 1.0 PTH
20 - Ø 1.8 PAD
1
PIN DETAIL
0.53
0.49
DOT SIZE


유사한 부품 번호 - LCD-240G064C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-240G064A VISHAY-LCD-240G064A Datasheet
112Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064B VISHAY-LCD-240G064B Datasheet
114Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results

유사한 설명 - LCD-240G064C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-240G064A VISHAY-LCD-240G064A Datasheet
112Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064B VISHAY-LCD-240G064B Datasheet
114Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
logo
Hantronix,Inc
HDM64GS24_4 HANTRONIX-HDM64GS24_4_15 Datasheet
34Kb / 1P
   240 X 64 Dots Graphic
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064C VISHAY-LCD-128X064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064C VISHAY-LCD-128G064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com