전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1065X 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1065X
상세설명  P-Channel 12-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1065X 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1065X Datasheet HTML 1Page - Vishay Siliconix SI1065X Datasheet HTML 2Page - Vishay Siliconix SI1065X Datasheet HTML 3Page - Vishay Siliconix SI1065X Datasheet HTML 4Page - Vishay Siliconix SI1065X Datasheet HTML 5Page - Vishay Siliconix SI1065X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si1065X
New Product
Document Number: 74320
S-80641-Rev. B, 24-Mar-08
www.vishay.com
1
P-Channel 12-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 12
0.130 at VGS = - 4.5 V
1.18
6.7
0.158 at VGS = - 2.5V
1.07
0.205 at VGS = - 1.8V
0.49
Notes:
a. Maximum under Steady State conditions is 650 °C/W.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
- 1.18b, c
A
TA = 70 °C
- 0.94b, c
Pulsed Drain Current
IDM
- 8
Continuous Source-Drain Diode Current
TA = 25 °C
IS
- 0.2b, c
Maximum Power Dissipationa
TA = 25 °C
PD
0.236b, c
W
TA = 70 °C
0.151b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
Ordering Information: Si1065X-T1-E3 (Lead (Pb)-free)
Si1065X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
W
XX
Lot Traceability
and Date Code
Part # Code
SC-89 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
S
G
D
P-Channel MOSFET
RoHS
COMPLIANT


유사한 부품 번호 - SI1065X

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si1065-A-GM SILABS-Si1065-A-GM Datasheet
10Mb / 358P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

유사한 설명 - SI1065X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com