전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7500 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 TDA7500
상세설명  DIGITAL AM/FM SIGNAL PROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics TDA7500 Datasheet HTML 10Page - STMicroelectronics TDA7500 Datasheet HTML 11Page - STMicroelectronics TDA7500 Datasheet HTML 12Page - STMicroelectronics TDA7500 Datasheet HTML 13Page - STMicroelectronics TDA7500 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Bit PRAM Address, PABx(15:0) is generated by
the Program Address Generator of the DSP core
for Instruction Fetching, and by the AGU in the
case of the Move Program Memory (MOVEM) In-
struction. The 24-Bit PRAM Data (Program
Code), PDBx(23:0), can only be written to using
the MOVEM instruction. During instruction fetch-
ing the PDBx Bus is routed to the Program De-
code Controller of the DSP core for instruction
decoding.
256 x 24-Bit Bootstrap ROM (PROM)
This is a 256 x 24-Bit factory programmed Boot ROM
used for storing the program sequence and for initial-
izing the DSP. Essentially this consists of reading the
data via I
2C, SPI or EMI interface and store it in
PRAM, XRAM, YRAM, and/or external DRAM.
Serial Audio Interface (SAI)
The SAI is used to deliver digital audio to the
DSPs from an external source. Once processed
by the DSPs, it can be returned through this inter-
face either sent to the DAC for D/A conversion.
The features of the SAI are listed below.
3 Synchronized Stereo Data Transmission
Lines
3 Synchronized Stereo Data Reception Lines
Master and Slave operating mode: clock lines
can be both master and slave.
Receive and Transmit Data Registers have
two locations to hold left and right data.
XCHG Interface (DSP to DSP Exchange Inter-
face)
The Exchange Interface peripheral provides bidi-
rectional communication between DSP0 and
DSP1. Both 24 bit word data and four bit Flag
data can be exchanged. A FIFO is utilized for re-
ceived data. It minimizes the number of times an
Exchange Interrupt Service Routine would have
to be called if multi-word blocks of data were to
be received. The Transmit FIFO is in effect the
Receive FIFO of the other DSP and is written di-
rectly by the transmitting DSP. The features of
the XCHG are listed below.
10 Word XCHG Receive FIFO on both DSPs
Four Flags for each XCHG for DSP to DSP
signaling
Condition flags can optionally trigger interrupts
on both DSPs
DRAM/SRAM Interface (EMI)
The External DRAM/SRAM Interface is viewed as
a memory mapped peripheral. Data transfers are
performed by moving data into/from data regis-
ters and the control is exercised by polling status
flags in the control/status register or by servicing
interrupts. An external memory write is executed
by writing data into the EMI Data Write Register.
An external memory read operation is executed
by either writing to the offset register or reading
the EMI Data Read Register, depending on the
configuration.
The features of the EMI are listed below.
Data bus width fixed at 4 bits for DRAM and 8
bits for SRAM.
Data word length 16 or 24 bits for DRAM.
Data word length 8or 16 or 24 bits for SRAM.
Thirteen DRAM address lines means 2
26 =
32MB addressable DRAM.
Refresh rate for DRAM can be chosen among
eight divider factor.
SRAM relative addressing mode; 2
22 = 4MB
addressable SRAM.
Four SRAM Timing choices.
Two Read Offset Registers.
Debug Interface
A dedicated Debug Port is available for each DSP
Cores. The debug logic is contained in the core
design of the DSP. The features of the Debug
Port are listed below:
Breakpoint Logic
Trace Logic
Single stepping
Instruction Injection
Program Disassembly
Serial Peripheral Interface
The DSP core requires a serial interface to re-
ceive commands and data over the LAN. During
an SPI transfer, data is transmitted and received
simultaneously. A serial clock line synchronizes
shifting and sampling of the information on the
two serial data lines. A slave select line allows in-
dividual selection of a slave SPI device.
When an SPI transfer occurs an 8-bit word is
shifted out one data pin while another 8-bit char-
acter is simultaneously shifted in a second data
pin.
The central element in the SPI system is the shift
register and the read data buffer. The system is
single buffered in the transfer direction and dou-
ble buffered in the receive direction.
I
2C Interface
The inter Integrated Circuit bus is a single bidirec-
tional two-wire bus used for efficient inter IC con-
trol. All I
2C bus compatible devices incorporate
an on-chip interface which allows them communi-
cate directly with each other via the I
2C bus.
TDA7500
10/14


유사한 부품 번호 - TDA7500

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
   DIGITAL AM/FM SIGNAL PROCESSOR
More results

유사한 설명 - TDA7500

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
   DIGITAL AM/FM SIGNAL PROCESSOR
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
   FM/AM DIGITAL IF SAMPLING PROCESSOR
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
   FM/AM digital IF sampling processor
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
   AM/FM IF PROCESSOR
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
   FM/AM
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
   FM / AM
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
   AM/FM Digital Phase-Locked Loop Synthesizer
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
   Dual-IF AM/FM digital radio receiver
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com