전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1469DH 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI1469DH
상세설명  P-Channel 20-V (G-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1469DH 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI1469DH Datasheet HTML 1Page - Vishay Siliconix SI1469DH Datasheet HTML 2Page - Vishay Siliconix SI1469DH Datasheet HTML 3Page - Vishay Siliconix SI1469DH Datasheet HTML 4Page - Vishay Siliconix SI1469DH Datasheet HTML 5Page - Vishay Siliconix SI1469DH Datasheet HTML 6Page - Vishay Siliconix SI1469DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 74441
S-70195-Rev. A, 29-Jan-07
Vishay Siliconix
Si1469DH
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?74441.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
0.02
Square Wave Pulse Duration (sec)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125 °C/W
3. TJM - T A = PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)
1
0.1
0.01
0.02


유사한 부품 번호 - SI1469DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH Datasheet
243Kb / 3P
   P-Channel 12-V (G-S) MOSFET
Rev. A, 26-Feb-07
SI1469DH VISHAY-SI1469DH Datasheet
252Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1469DH-T1-GE3 VBSEMI-SI1469DH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH_V01 Datasheet
252Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1469DH

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI6423DQ-T1-E3 VBSEMI-SI6423DQ-T1-E3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
SI6435ADQ-T1-GE3 VBSEMI-SI6435ADQ-T1-GE3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
VBC7P2216 VBSEMI-VBC7P2216_V01 Datasheet
474Kb / 8P
   P-Channel 20-V (G-S) MOSFET
VBC7P2216 VBSEMI-VBC7P2216 Datasheet
594Kb / 8P
   P-Channel 20-V (G-S) MOSFET
SI6475DQ VBSEMI-SI6475DQ Datasheet
977Kb / 8P
   P-Channel 20-V (G-S) MOSFET
logo
Vishay Siliconix
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com