전자부품 데이터시트 검색엔진 |
|
SI1471DH 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
SI1471DH 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 7 page www.vishay.com 2 Document Number: 74468 S-70942-Rev. A, 14-May-07 Vishay Siliconix Si1471DH New Product Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min Typ Max Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = - 250 µA - 30 V VDS Temperature Coefficient ΔV DS/TJ ID = - 250 µA - 29 mV/°C VGS(th) Temperature Coefficient ΔV GS(th)/TJ 3.1 Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = - 250 µA - 0.6 - 1.6 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 12 V - 100 nA Zero Gate Voltage Drain Current IDSS VDS = - 30 V, VGS = 0 V - 1 µA VDS = - 30 V, VGS = 0 V, TJ = 55 °C - 10 On-State Drain Currenta ID(on) VDS ≤ 5 V, VGS = - 4.5 V - 3 A Drain-Source On-State Resistancea rDS(on) VGS = - 10 V, ID = - 2.0 A 0.080 0.100 Ω VGS = - 4.5 V, ID = - 1.8 A 0.095 0.120 VGS = - 2.5 V, ID = - 1.5 A 0.140 0.175 Forward Transconductancea gfs VDS = - 10 V, ID = - 2.0 A 6S Dynamicb Input Capacitance Ciss VDS = - 15 V, VGS = 0 V, f = 1 MHz 445 pF Output Capacitance Coss 68 Reverse Transfer Capacitance Crss 55 Total Gate Charge Qg VDS = - 15 V, VGS = - 4.5 V, ID = - 2.5 A 6.5 9.8 nC Gate-Source Charge Qgs 1.0 Gate-Drain Charge Qgd 2.2 Gate Resistance Rg f = 1 MHz 10 Ω Turn-On Delay Time td(on) VDD = - 15 V, RL = 7.5 Ω ID ≅ - 2 A, VGEN = - 4.5 V, Rg = 1 Ω 22 33 ns Rise Time tr 48 72 Turn-Off Delay Time td(off) 23 35 Fall Time tf 17 26 Turn-On Delay Time td(on) VDD = - 15 V, RL = 7.5 Ω ID ≅ - 2 A, VGEN = - 10 V, Rg = 1 Ω 48 Rise Time tr 20 30 Turn-Off Delay Time td(off) 20 30 Fall Time tf 918 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C - 1.6 A Pulse Diode Forward Current ISM - 6.5 Body Diode Voltage VSD IS = - 2 A, VGS = 0 V - 0.83 - 1.2 V Body Diode Reverse Recovery Time trr IF = - 2.0 A, di/dt = 100 A/µs, TJ = 25 °C 20 30 ns Body Diode Reverse Recovery Charge Qrr 12 20 nC Reverse Recovery Fall Time ta 10 ns Reverse Recovery Rise Time tb 10 |
유사한 부품 번호 - SI1471DH |
|
유사한 설명 - SI1471DH |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |