전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM07-100 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BYM07-100
상세설명  Surface Mount Glass Passivated Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM07-100 데이터시트(HTML) 2 Page - Vishay Siliconix

  BYM07-100 Datasheet HTML 1Page - Vishay Siliconix BYM07-100 Datasheet HTML 2Page - Vishay Siliconix BYM07-100 Datasheet HTML 3Page - Vishay Siliconix BYM07-100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay General Semiconductor
Document Number: 88580
Revision: 27-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
629
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Notes:
(1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
Note:
(1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
UNIT
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Maximum DC reverse
current at rated DC
blocking voltage (1)
TA = 25 °C
TA = 125 °C
IR
5.0
50
µA
Maximum instantaneous
forward voltage (1)
0.5 A
VF
1.25
1.35
V
Max. reverse
recovery time
IF = 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
trr
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
7.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
UNIT
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Maximum thermal resistance (1)(2)
RθJA
RθJT
150
70
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGL34D-E3/98
0.036
98
2500
7" diameter plastic tape and reel
EGL34D-E3/83
0.036
83
9000
13" diameter plastic tape and reel
EGL34DHE3/98 (1)
0.036
98
2500
7" diameter plastic tape and reel
EGL34DHE3/83 (1)
0.036
83
9000
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
0
0
25
50
75
100
125
150
175
Terminal Temperature (°C)
0.3
0.5
0.4
0.2
0.1
Resistive or Inductive Load
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
2
4
6
8
10
12
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


유사한 부품 번호 - BYM07-100

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BYM07-100 GE-BYM07-100 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM07-100 VISHAY-BYM07-100 Datasheet
49Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
03-Apr-03
BYM07-100 VISHAY-BYM07-100 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
BYM07-100 LUGUANG-BYM07-100 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-100 VISHAY-BYM07-100 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results

유사한 설명 - BYM07-100

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com