전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2305ADS-T1-GE3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI2305ADS-T1-GE3
상세설명  P-Channel 8-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305ADS-T1-GE3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI2305ADS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2305ADS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si2305ADS
New Product
Document Number: 69940
S-82713-Rev. C, 10-Nov-08
www.vishay.com
1
P-Channel 8-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Load Switch
DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 8
0.040 at VGS = - 4.5 V
- 4.1
7.8 nC
0.060 at VGS = - 2.5 V
- 3.4
0.088 at VGS = - 1.8 V
- 2.0
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 8
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 5.4
A
TC = 70 °C
- 4.3
TA = 25 °C
- 4.1a, b
TA = 70 °C
- 3.3a, b
Pulsed Drain Current
IDM
- 10
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1.4
TA = 25 °C
- 0.8a, b
Maximum Power Dissipation
TC = 25 °C
PD
1.7
W
TC = 70 °C
1.1
TA = 25 °C
0.96a, b
TA = 70 °C
0.62a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)
260
S
G
D
P-Channel MOSFET
Ordering Information:
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2305ADS (A5)*
* Marking Code
Si2305ADS-T1-E3 (Lead (Pb)-free)
Si2305ADS-T1-GE3 (Lead (Pb)-free and Halogen-free)
RoHS
COMPLIANT


유사한 부품 번호 - SI2305ADS-T1-GE3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI2305ADS-T1-GE3 VBSEMI-SI2305ADS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI2305ADS-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com