전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3407DV 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI3407DV
상세설명  P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3407DV 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI3407DV Datasheet HTML 1Page - Vishay Siliconix SI3407DV Datasheet HTML 2Page - Vishay Siliconix SI3407DV Datasheet HTML 3Page - Vishay Siliconix SI3407DV Datasheet HTML 4Page - Vishay Siliconix SI3407DV Datasheet HTML 5Page - Vishay Siliconix SI3407DV Datasheet HTML 6Page - Vishay Siliconix SI3407DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 69987
S-80673-Rev. A, 31-Mar-08
Vishay Siliconix
Si3407DV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD -Source-to-Drain Voltage (V)
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
TJ = 150 °C
TJ = 25 °C
0.5
0.7
0.9
1.1
1.3
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.01
0.02
0.03
0.04
036
9
12
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =7.5 A
0
10
20
30
40
0.01
0.1
1
10
100
1000
Time(s)
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which R DS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
1s,10s
DC
Limited byRDS(on)*
BVDSS
Limited
1ms
100 µs


유사한 부품 번호 - SI3407DV

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI3407DV-T1-GE3 VBSEMI-SI3407DV-T1-GE3 Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3407DV VISHAY-SI3407DV_V01 Datasheet
238Kb / 11P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI3407DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com