전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3459BDV 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI3459BDV
상세설명  P-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3459BDV 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI3459BDV Datasheet HTML 1Page - Vishay Siliconix SI3459BDV Datasheet HTML 2Page - Vishay Siliconix SI3459BDV Datasheet HTML 3Page - Vishay Siliconix SI3459BDV Datasheet HTML 4Page - Vishay Siliconix SI3459BDV Datasheet HTML 5Page - Vishay Siliconix SI3459BDV Datasheet HTML 6Page - Vishay Siliconix SI3459BDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3459BDV
New Product
Document Number: 69954
S-80430-Rev. A, 03-Mar-08
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Load Switch
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
d
Qg (Typ.)
- 60
0.216 at VGS = - 10 V
- 2.9
4.4 nC
0.288 at VGS = - 4.5 V
- 2.5
Marking Code
AS
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3459BDV-T1-E3 (Lead (Pb)-free)
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
S
G
D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 5 s.
c. Maximum under steady state conditions is 110 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 2.9
A
TC = 70 °C
- 2.3
TA = 25 °C
- 2.2a, b
TA = 70 °C
- 1.8a, b
Pulsed Drain Current
IDM
- 8
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.9
TA = 25 °C
- 1.7a, b
Maximum Power Dissipation
TC = 25 °C
PD
3.3
W
TC = 70 °C
2.1
TA = 25 °C
2a, b
TA = 70 °C
1.3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 5 s
RthJA
53
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
32
38
RoHS
COMPLIANT


유사한 부품 번호 - SI3459BDV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
Si3459BDV VISHAY-Si3459BDV Datasheet
218Kb / 11P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 04-May-09
SI3459BDV VISHAY-SI3459BDV Datasheet
251Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI3459BDV-T1-E3 VISHAY-SI3459BDV-T1-E3 Datasheet
258Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI3459BDV-T1-GE3 VISHAY-SI3459BDV-T1-GE3 Datasheet
258Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3459BDV-T1-GE3 VBSEMI-SI3459BDV-T1-GE3 Datasheet
446Kb / 9P
   P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - SI3459BDV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com