전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3471CDV 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI3471CDV
상세설명  P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3471CDV 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI3471CDV Datasheet HTML 1Page - Vishay Siliconix SI3471CDV Datasheet HTML 2Page - Vishay Siliconix SI3471CDV Datasheet HTML 3Page - Vishay Siliconix SI3471CDV Datasheet HTML 4Page - Vishay Siliconix SI3471CDV Datasheet HTML 5Page - Vishay Siliconix SI3471CDV Datasheet HTML 6Page - Vishay Siliconix SI3471CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 69943
S-80434-Rev. A, 03-Mar-08
Vishay Siliconix
Si3471CDV
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 11
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.4
- 1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = - 4.5 V, ID = - 7.3 A
0.021
0.027
Ω
VGS = - 2.5 V, ID = - 6.3 A
0.027
0.036
VGS = - 1.8 V, ID = - 2.1 A
0.035
0.048
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 7.3 A
26
S
Dynamicb
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
1600
pF
Output Capacitance
Coss
450
Reverse Transfer Capacitance
Crss
400
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 8 V, ID = - 7.3 A
32
50
nC
VDS = - 6 V, VGS = - 4.5 V, ID = - 7.3 A
20
30
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
5.4
Gate Resistance
Rg
f = 1 MHz
4.5
Ω
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 1 Ω
ID ≅ - 5.9 A, VGEN = - 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
52
80
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
22
35
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 1 Ω
ID ≅ - 5.9 A, VGEN = - 8 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
15
25
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 3.2
A
Pulse Diode Forward Currenta
ISM
- 20
Body Diode Voltage
VSD
IS = - 5.9 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 5.9 A, di/dt = 100 A/µs, TJ = 25 °C
40
60
ns
Body Diode Reverse Recovery Charge
Qrr
20
30
nC
Reverse Recovery Fall Time
ta
23
ns
Reverse Recovery Rise Time
tb
27


유사한 부품 번호 - SI3471CDV

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI3471CDV-T1-GE3 VBSEMI-SI3471CDV-T1-GE3 Datasheet
441Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI3471CDV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com