전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3586DV 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI3586DV
상세설명  N- and P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3586DV 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI3586DV_08 Datasheet HTML 1Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 2Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 3Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 4Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 5Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 6Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 7Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 8Page - Vishay Siliconix SI3586DV_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72310
S-60422-Rev. C, 20-Mar-06
Vishay Siliconix
Si3586DV
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.40
1.1
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.40
- 1.1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
N-Ch
± 100
nA
VDS = 0 V, VGS = ± 8 V
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 85 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
5
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 5
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.4 A
N-Ch
0.047
0.060
Ω
VGS = - 4.5 V, ID = - 2.5 A
P-Ch
0.086
0.110
VGS = 2.5 V, ID = 3.2 A
N-Ch
0.054
0.070
VGS = - 2.5 V, ID = - 2.0 A
P-Ch
0.116
0.145
VGS = - 1.8 V, ID = - 2.5 A
N-Ch
0.075
0.100
VGS = - 1.8 V, ID = - 1.0 A
P-Ch
0.170
0.220
Forward Transconductancea
gfs
VDS = 5 V, ID = 3.4 A
N-Ch
13
S
VDS = - 5 V, ID = - 2.5 A
P-Ch
6
Diode Forward Voltagea
VSD
IS = 1.05 A, VGS = 0 V
N-Ch
0.8
1.1
V
IS = - 1.05 A, VGS = 0 V
P-Ch
- 0.8
- 1.1
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 3.4 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 2.5 A
N-Ch
4.1
6.0
nC
P-Ch
5
7.5
Gate-Source Charge
Qgs
N-Ch
0.65
P-Ch
0.68
Gate-Drain Charge
Qgd
N-Ch
0.8
P-Ch
1.3
Gate Resistance
Rg
N-Ch
2.6
Ω
P-Ch
9.8
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
P-Channel
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
N-Ch
30
45
ns
P-Ch
28
45
Rise Time
tr
N-Ch
52
85
P-Ch
55
85
Turn-Off Delay Time
td(off)
N-Ch
25
40
P-Ch
55
85
Fall Time
tf
N-Ch
20
30
P-Ch
32
50
Source-Drain Reverse Recovery Time
trr
IF = 1.05 A, di/dt = 100 A/µs
N-Ch
25
40
IF = - 1.05 A, di/dt = 100 A/µs
P-Ch
25
40


유사한 부품 번호 - SI3586DV_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
More results

유사한 설명 - SI3586DV_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com