전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3850ADV 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI3850ADV
상세설명  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3850ADV 데이터시트(HTML) 7 Page - Vishay Siliconix

  SI3850ADV Datasheet HTML 1Page - Vishay Siliconix SI3850ADV Datasheet HTML 2Page - Vishay Siliconix SI3850ADV Datasheet HTML 3Page - Vishay Siliconix SI3850ADV Datasheet HTML 4Page - Vishay Siliconix SI3850ADV Datasheet HTML 5Page - Vishay Siliconix SI3850ADV Datasheet HTML 6Page - Vishay Siliconix SI3850ADV Datasheet HTML 7Page - Vishay Siliconix SI3850ADV Datasheet HTML 8Page - Vishay Siliconix SI3850ADV Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 73789
S-60470-Rev. A, 27-Mar-06
www.vishay.com
7
Vishay Siliconix
Si3850ADV
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.01
0.1
0.0
0.4
0.8
1.2
1.6
2.0
1
10
VSD – Source-to-Drain Voltage (V)
25 °C
0.001
TJ = 150 °C
TJ – Temperature (°C)
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power vs. Junction-to-Ambient
25 °C
125 °C
VGS – Gate-to-Source Voltage (V)
0.0
0.6
1.2
1.8
2.4
3.0
012345
Time (sec)
110
0.1
0.01
0.001
0
6
12
18
24
30
Safe Operating Area
10 s
TA = 25 °C
Single Pulse
dc
VDS – Drain-to-Source Voltage (V)
* VGS
minimum VGS at which rDS(on) is specified
0.01
0.1
1
10
0.1
1
10
100
BVDSS Limited
*Limited by rDS(on)
1 s
100 ms
10 ms
1 ms


유사한 부품 번호 - SI3850ADV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
SI3850ADV VISHAY-SI3850ADV Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI3850ADV VISHAY-SI3850ADV Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI3850ADV-T1-E3 VISHAY-SI3850ADV-T1-E3 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI3850ADV-T1-GE3 VISHAY-SI3850ADV-T1-GE3 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
More results

유사한 설명 - SI3850ADV

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com