전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3951DV-T1-E3 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI3951DV-T1-E3
상세설명  Dual P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3951DV-T1-E3 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI3951DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3951DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 73700
S-71597-Rev. B, 30-Jul-07
Vishay Siliconix
Si3951DV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.00
0.2
0.4
0.6
0.8
VSD - Source-to-Drain Voltage (V)
1
10
100
0.1
0.01
0.001
TA = 150 °C
TA = 25 °C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Temperature ( °C)
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.04
0.12
0.20
0.28
0.36
123
4
5
ID = 2.7 A
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0.01
0
1
6
8
2
4
10
30
0.1
Time (sec)
Safe Operating Area
100
1
0.1
1
10
100
0.001
10
TA = 25 °C
Single Pulse
0.1
*rDS(on) Limited
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
0.01
10 ms
100 ms
dc
1 s
10 s


유사한 부품 번호 - SI3951DV-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI3951DV-T1-GE3 VBSEMI-SI3951DV-T1-GE3 Datasheet
520Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

유사한 설명 - SI3951DV-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com