전자부품 데이터시트 검색엔진 |
|
SI5853DDC-T1-E3 데이터시트(PDF) 5 Page - Vishay Siliconix |
|
SI5853DDC-T1-E3 데이터시트(HTML) 5 Page - Vishay Siliconix |
5 / 10 page Document Number: 68979 S-82583-Rev. A, 27-Oct-08 www.vishay.com 5 Vishay Siliconix Si5853DDC New Product MOSFET TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted Source-Drain Diode Forward Voltage Threshold Voltage 0.0 0.2 0.4 0.6 0.8 1.0 1.2 10 1 100 TJ = 25 °C TJ = 150 °C VSD -Source-to-Drain Voltage (V) 0.3 0.4 0.5 0.6 0.7 0.8 0.9 - 50 - 25 0 25 50 75 100 125 150 ID = 250 µA TJ - Temperature (°C) On-Resistance vs. Gate-to-Source Voltage Single Pulse Power, Junction-to-Ambient 0.0 0.1 0.2 0.3 0.4 0 1 234 5 TJ =25 °C TJ = 125 °C ID = 2.9 A VGS - Gate-to-Source Voltage (V) 0 4 8 12 16 Time (s) 10 1000 0.1 0.01 0.001 100 1 Safe Operating Area, Junction-to-Ambient 100 1 0.1 1 10 100 0.01 10 0.1 TA = 25 °C Single Pulse 10 s, 1 s Limited byRDS(on)* BVDSS Limited 1ms 100 µs 10 ms 100 ms DC VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which RDS(on) is specified |
유사한 부품 번호 - SI5853DDC-T1-E3 |
|
유사한 설명 - SI5853DDC-T1-E3 |