전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5904DC 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI5904DC
상세설명  Dual N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5904DC 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI5904DC Datasheet HTML 1Page - Vishay Siliconix SI5904DC Datasheet HTML 2Page - Vishay Siliconix SI5904DC Datasheet HTML 3Page - Vishay Siliconix SI5904DC Datasheet HTML 4Page - Vishay Siliconix SI5904DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si5904DC
Vishay Siliconix
Document Number: 71065
S-50695—Rev. C, 18-Apr-05
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
100
200
300
400
500
600
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
01234
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2468
10
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 3.1 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 3.1 A
VGS = 2.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0
1234
5
TJ = 150_C
TJ = 25_C
ID = 3.1 A
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
VGS = 4.5 V


유사한 부품 번호 - SI5904DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC Datasheet
112Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI5904DC VISHAY-SI5904DC Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI5904DC VISHAY-SI5904DC Datasheet
111Kb / 5P
   Dual N-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI5904DC-T1 VISHAY-SI5904DC-T1 Datasheet
112Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI5904DC-T1-E3 VISHAY-SI5904DC-T1-E3 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
More results

유사한 설명 - SI5904DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com