전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04P20B 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BZW04P20B
상세설명  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW04P20B 데이터시트(HTML) 2 Page - Vishay Siliconix

  BZW04P20B Datasheet HTML 1Page - Vishay Siliconix BZW04P20B Datasheet HTML 2Page - Vishay Siliconix BZW04P20B Datasheet HTML 3Page - Vishay Siliconix BZW04P20B Datasheet HTML 4Page - Vishay Siliconix BZW04P20B Datasheet HTML 5Page - Vishay Siliconix BZW04P20B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZW04P-5V8 thru BZW04-376
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88316
Revision: 22-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF
VBR (%/°C)
UNI-DIRECTIONAL BI-DIRECTIONAL
MIN.
MAX.
BZW04P5V8
BZW04P5V8B
6.45
7.48
10.0
5.80
1000
38.0
10.5
0.057
BZW04-5V8
BZW04-5V8B
6.45
7.14
10.0
5.80
1000
38.0
10.5
0.057
BZW04P6V4
BZW04P6V4B
7.13
8.25
10.0
6.40
500
35.4
11.3
0.061
BZW04-6V4
BZW04-6V4B
7.13
7.88
10.0
6.40
500
35.4
11.3
0.061
BZW04P7V0
BZW04P7V0B
7.79
9.02
10.0
7.02
200
33.0
12.1
0.065
BZW04-7V0
BZW04-7V0B
7.79
8.61
10.0
7.02
200
33.0
12.1
0.065
BZW04P7V8
BZW04P7V8B
8.65
10.0
1.0
7.78
50
30.0
13.4
0.068
BZW04-7V8
BZW04-7V8B
8.65
9.55
1.0
7.78
50
30.0
13.4
0.073
BZW04P8V5
BZW04P8V5B
9.50
11.0
1.0
8.55
10
27.6
14.5
0.07
BZW04-8V5
BZW04-8V5B
9.50
10.5
1.0
8.55
10
27.6
14.5
0.075
BZW04P9V4
BZW04P9V4B
10.5
12.1
1.0
9.4
5.0
25.7
15.6
0.075
BZW04-9V4
BZW04-9V4B
10.5
11.6
1.0
9.4
5.0
25.7
15.6
0.075
BZW0P10
BZW0P10B
11.4
13.2
1.0
10.2
5.0
24.0
16.7
0.078
BZW04-10
BZW04-10B
11.4
12.6
1.0
10.2
5.0
24.0
16.7
0.078
BZW04P11
BZW04P11B
12.4
14.3
1.0
11.1
5.0
22.0
18.2
0.081
BZW04-11
BZW04-11B
12.4
13.7
1.0
11.1
5.0
22.0
18.2
0.081
BZW04P13
BZW04P13B
14.3
16.5
1.0
12.8
5.0
19.0
21.2
0.084
BZW04-13
BZW04-13B
14.3
15.8
1.0
12.8
5.0
19.0
21.2
0.084
BZW04P14
BZW04P14B
15.2
17.6
1.0
13.6
1.0
17.8
22.5
0.086
BZW04-14
BZW04-14B
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
BZW04P15
BZW04P15B
17.1
19.8
1.0
15.3
1.0
16.0
25.2
0.088
BZW04-15
BZW04-15B
17.1
18.9
1.0
15.3
1.0
16.0
25.2
0.088
BZW04P17
BZW04P17B
19.0
22.0
1.0
17.1
1.0
14.5
27.7
0.090
BZW04-17
BZW04-17B
19.0
21.0
1.0
17.1
1.0
14.5
27.7
0.090
BZW04P19
BZW04P19B
20.9
24.2
1.0
18.8
1.0
13.0
30.6
0.092
BZW04-19
BZW04-19B
20.9
23.1
1.0
18.8
1.0
13.0
30.6
0.092
BZW04P20
BZW04P20B
22.8
26.4
1.0
20.5
1.0
12.0
33.2
0.094
BZW04-20
BZW04-20B
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.094
BZW04P23
BZW04P23B
25.7
29.7
1.0
23.1
1.0
10.7
37.5
0.096
BZW04-23
BZW04-23B
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
BZW04P26
BZW04P26B
28.5
33.0
1.0
25.6
1.0
9.6
41.5
0.097
BZW04-26
BZW04-26B
28.5
31.5
1.0
25.6
1.0
9.6
41.5
0.097
BZW04P28
BZW04P28B
31.4
36.3
1.0
28.2
1.0
8.8
45.7
0.098
BZW04-28
BZW04-28B
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
BZW04P31
BZW04P31B
34.2
39.6
1.0
30.8
1.0
8.0
49.9
0.099
BZW04-31
BZW04-31B
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
BZW04P33
BZW04P33B
37.1
42.9
1.0
33.3
1.0
7.4
53.9
0.100
BZW04-33
BZW04-33B
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
BZW04P37
BZW04P37B
40.9
47.3
1.0
36.8
1.0
6.7
59.3
0.101
BZW04-37
BZW04-37B
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
BZW04P40
BZW04P40B
44.7
51.7
1.0
40.2
1.0
6.2
64.8
0.101
BZW04-40
BZW04-40B
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
BZW04P44
BZW04P44B
48.5
56.1
1.0
43.6
1.0
5.7
70.1
0.102
BZW04-44
BZW04-44B
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
BZW04P48
BZW04P48B
53.2
61.6
1.0
47.8
1.0
5.2
77.0
0.103
BZW04-48
BZW04-48B
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
BZW04P53
BZW04P53B
58.9
68.2
1.0
53.0
1.0
4.7
85.0
0.104
BZW04-53
BZW04-53B
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
BZW04P58
BZW04P58B
64.6
74.8
1.0
58.1
1.0
4.3
92.0
0.104
BZW04-58
BZW04-58B
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
BZW04P64
BZW04P64B
71.3
82.5
1.0
64.1
1.0
3.9
103
0.105
BZW04-64
BZW04P64B
71.3
78.8
1.0
64.1
1.0
3.9
103
0.105


유사한 부품 번호 - BZW04P20B

제조업체부품명데이터시트상세설명
logo
DB Lectro Inc
BZW04P20B DBLECTRO-BZW04P20B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P20B BILIN-BZW04P20B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P20B MDE-BZW04P20B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04P20B TAYCHIPST-BZW04P20B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
BZW04P20B LUGUANG-BZW04P20B Datasheet
189Kb / 4P
   Transient Voltage Suppressor
More results

유사한 설명 - BZW04P20B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com