전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HZU7C1L 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 HZU7C1L
상세설명  Silicon Planar Zener Diode for Low Noise Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU7C1L 데이터시트(HTML) 4 Page - Renesas Technology Corp

  HZU7C1L Datasheet HTML 1Page - Renesas Technology Corp HZU7C1L Datasheet HTML 2Page - Renesas Technology Corp HZU7C1L Datasheet HTML 3Page - Renesas Technology Corp HZU7C1L Datasheet HTML 4Page - Renesas Technology Corp HZU7C1L Datasheet HTML 5Page - Renesas Technology Corp HZU7C1L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HZU-L Series
REJ03G0043-0400 Rev.4.00 Oct 29, 2007
Page 4 of 5
Main Characteristic
50
40
30
20
10
0
−10
−20
−30
−40
−50
0.10
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.10
250
200
150
100
50
200
150
100
50
0
0
Printed circuit board
15 20 1.6t mm
Material: Glass Epoxy Resin
+Cu Foil
×
×
1.5mm
0.8mm
Cu Foil
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
Ambient Temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
0
5
10
15
mV/
°C
%/
°C
815
5
10
–4
10
–2
10
–3
10
–5
10
–6
10
–7
10
–8
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
67
9
10
11
12
13
14


유사한 부품 번호 - HZU7C1L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZU7.5 RENESAS-HZU7.5 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU7.5G RENESAS-HZU7.5G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

유사한 설명 - HZU7C1L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com