전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HZU9C1L 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 HZU9C1L
상세설명  Silicon Planar Zener Diode for Low Noise Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU9C1L 데이터시트(HTML) 3 Page - Renesas Technology Corp

  HZU9C1L Datasheet HTML 1Page - Renesas Technology Corp HZU9C1L Datasheet HTML 2Page - Renesas Technology Corp HZU9C1L Datasheet HTML 3Page - Renesas Technology Corp HZU9C1L Datasheet HTML 4Page - Renesas Technology Corp HZU9C1L Datasheet HTML 5Page - Renesas Technology Corp HZU9C1L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HZU-L Series
REJ03G0043-0400 Rev.4.00 Oct 29, 2007
Page 3 of 5
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Min
12.1
IZ (mA)
Max
VR (V)
Max
IZ (mA)
HZU12A1L
11.6
12.4
HZU12A2L
11.9
12.7
HZU12A3L
12.2
12.9
HZU12B1L
12.4
13.1
HZU12B2L
12.6
13.4
HZU12B3L
12.9
13.7
HZU12C1L
13.2
14.0
HZU12C2L
13.5
14.3
HZU12C3L
13.8
12.1
0.5
1
10.5
80
0.5
Note:
1. Tested with DC.
Mark Code
Part No.
Mark No.
Part No.
Mark No.
Part No.
Mark No.
HZU6A1L
061
HZU9 A1L
091
HZU12A1L
121
HZU6A2L
062
HZU9 A2L
092
HZU12A2L
122
HZU6A3L
063
HZU9 A3L
093
HZU12A3L
123
HZU6B1L
064
HZU9 B1L
094
HZU12B1L
124
HZU6B2L
065
HZU9 B2L
095
HZU12B2L
125
HZU6B3L
066
HZU9 B3L
096
HZU12B3L
126
HZU6C1L
067
HZU9 C1L
097
HZU12C1L
127
HZU6C2L
068
HZU9 C2L
098
HZU12C2L
128
HZU6C3L
069
HZU9 C3L
099
HZU12C3L
129
HZU7A1L
071
HZU11A1L
111
HZU7A2L
072
HZU11A2L
112
HZU7A3L
073
HZU11A3L
113
HZU7B1L
074
HZU11B1L
114
HZU7B2L
075
HZU11B2L
115
HZU7B3L
076
HZU11B3L
116
HZU7C1L
077
HZU11C1L
117
HZU7C2L
078
HZU11C2L
118
HZU7C3L
079
HZU11C3L
119


유사한 부품 번호 - HZU9C1L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZU9.1 RENESAS-HZU9.1 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU9.1G RENESAS-HZU9.1G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

유사한 설명 - HZU9C1L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com