전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSHG8400 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TSHG8400
상세설명  High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG8400 데이터시트(HTML) 1 Page - Vishay Siliconix

  TSHG8400 Datasheet HTML 1Page - Vishay Siliconix TSHG8400 Datasheet HTML 2Page - Vishay Siliconix TSHG8400 Datasheet HTML 3Page - Vishay Siliconix TSHG8400 Datasheet HTML 4Page - Vishay Siliconix TSHG8400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81297
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.1, 04-Sep-08
211
High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm,
GaAlAs Double Hetero
TSHG8400
Vishay Semiconductors
DESCRIPTION
TSHG8400 is an infrared, 830 nm emitting diode in GaAlAs
double hetero (DH) technology with high radiant power and
high speed, molded in a clear, untinted plastic package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm):
∅ 5
• Peak wavelength:
λ
p = 830 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
ϕ = ± 22°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 18 MHz
• Good spectral matching with CMOS cameras
• Lead
(Pb)-free
component
in
accordance
with
RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS
• Infrared radiation source for operation with CMOS
cameras (illumination)
• High speed IR data transmission
Note
Test conditions see table “Basic Characteristics”
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
94 8389
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
P (nm)
tr (ns)
TSHG8400
70
± 22
830
20
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSHG8400
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
1A
Power dissipation
PV
180
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm soldered
on PCB
RthJA
230
K/W


유사한 부품 번호 - TSHG8400

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG8400 VISHAY-TSHG8400 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
TSHG8400 VISHAY-TSHG8400 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
TSHG8400 VISHAY-TSHG8400 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG8400 VISHAY-TSHG8400_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
More results

유사한 설명 - TSHG8400

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG8200 VISHAY-TSHG8200 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMG2700 VISHAY-VSMG2700 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHG5510 VISHAY-TSHG5510_11 Datasheet
95Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
TSHG8200 VISHAY-TSHG8200_V01 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5510 VISHAY-TSHG5510_V02 Datasheet
92Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
VSMG2720 VISHAY-VSMG2720_13 Datasheet
133Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 24-Sep-13
VSMG2720 VISHAY-VSMG2720_V01 Datasheet
144Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400_V01 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
VSMG2700 VISHAY-VSMG2700_09 Datasheet
137Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 03-Nov-09
TSHG8200 VISHAY-TSHG8200_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com