전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSHG8400 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 TSHG8400
상세설명  High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG8400 데이터시트(HTML) 3 Page - Vishay Siliconix

  TSHG8400 Datasheet HTML 1Page - Vishay Siliconix TSHG8400 Datasheet HTML 2Page - Vishay Siliconix TSHG8400 Datasheet HTML 3Page - Vishay Siliconix TSHG8400 Datasheet HTML 4Page - Vishay Siliconix TSHG8400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 81297
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.1, 04-Sep-08
213
TSHG8400
High Speed Infrared Emitting Diode, RoHS
Compliant, 830 nm, GaAlAs Double Hetero
Vishay Semiconductors
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Power vs. Wavelength
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
100
1000
0.01
0.1
1.0
10
100
t
P - Pulse Duration (ms)
16031
t
P/T = 0.01
0.05
0.2
0.5
0.1
0.02
T
amb < 50 °C
18873
1000
100
10
1
V
F - Forward Voltage (V)
02
4
t
P = 100 µs
t
P/T = 0.001
13
0.1
1
10
100
1000
1
10
100
1000
18220
I
F - Forward Current (mA)
0.1
1
10
100
1000
110
100
1000
16971
IF - Forward Current (mA)
740
800
- Wavelength (nm)
900
16972_1
0
0.25
0.5
0.75
1.0
1.25
94 8883
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4


유사한 부품 번호 - TSHG8400

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG8400 VISHAY-TSHG8400 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
TSHG8400 VISHAY-TSHG8400 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
TSHG8400 VISHAY-TSHG8400 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG8400 VISHAY-TSHG8400_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
More results

유사한 설명 - TSHG8400

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG8200 VISHAY-TSHG8200 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMG2700 VISHAY-VSMG2700 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHG5510 VISHAY-TSHG5510_11 Datasheet
95Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
TSHG8200 VISHAY-TSHG8200_V01 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5510 VISHAY-TSHG5510_V02 Datasheet
92Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2023
VSMG2720 VISHAY-VSMG2720_13 Datasheet
133Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 24-Sep-13
VSMG2720 VISHAY-VSMG2720_V01 Datasheet
144Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG8400 VISHAY-TSHG8400_V01 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
01-Jan-2022
VSMG2700 VISHAY-VSMG2700_09 Datasheet
137Kb / 6P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.3, 03-Nov-09
TSHG8200 VISHAY-TSHG8200_09 Datasheet
101Kb / 5P
   High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
Rev. 1.2, 02-Jul-09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com