전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS20618ES105G471KE 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 CS20618ES105G471KE
상세설명  Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS20618ES105G471KE 데이터시트(HTML) 1 Page - Vishay Siliconix

  CS20618ES105G471KE Datasheet HTML 1Page - Vishay Siliconix CS20618ES105G471KE Datasheet HTML 2Page - Vishay Siliconix CS20618ES105G471KE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31519
1
Revision: 07-Aug-08
CS206
Vishay Dale
Resistor/Capacitor Networks
ECL Terminators and Line Terminator, Conformal Coated, SIP
FEATURES
• 4 to 18 pins available
• X7R and COG capacitors available
• Low cross talk
• Custom design capability
• “B” 0.250" [6.35 mm], “C” 0.350" [8.89 mm] and
“E” 0.325" [8.26 mm] maximum seated height available,
dependent on schematic
• 10K ECL terminators, Circuits E and M. 100K ECL
terminators, Circuit A. Line terminator, Circuit T
Capacitor Temperature Coefficient:
COG maximum 0.15 %, X7R maximum 2.5 %
Package Power Rating (maximum at 70 °C):
8 PINS = 0.80 W
9 PINS = 0.90 W
10 PINS = 1.00 W
EIA Characteristics:
COG and X7R (COG capacitors may be
substituted for X7R capacitors)
SCHEMATICS in inches [millimeters]
Available
e1
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY
DALE
MODEL
PROFILE SCHEMATIC
RESISTOR CHARACTERISTICS
CAPACITOR CHARACTERISTICS
POWER
RATING
P70°C W
RESISTANCE
RANGE
Ω
RESISTANCE
TOLERANCE
± %
TEMP.
COEFF.
± ppm/°C
T.C.R.
TRACKING
± ppm/°C
CAPACITANCE
RANGE
CAPACITANCE
TOLERANCE
± %
CS206
B
E
M
0.125
10 - 1M
2, 5
200
100
0.01 µF
10 (K), 20 (M)
CS206
C
T
0.125
10 - 1M
2, 5
200
100
33 pF to 0.1 µF
10 (K), 20 (M)
CS206
E
A
0.125
10 - 1M
2, 5
200
100
0.01 µF
10 (K), 20 (M)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CS206
Operating Voltage (at + 25 °C)
VAC
50 maximum
Dissipation Factor (maximum)
%
C0G = 0.15; X7R = 2.5
Insulation Resistance
(at + 25 °C/rated voltage)
M
Ω
100 000
Dielectric Test
V
2.5 x rated voltage
Operating Temperature Range
°C
- 55 to + 125 °C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 20608EC103G471KP (preferred part numbering format)
GLOBAL
MODEL
PIN
COUNT
PACKAGE/
SCHEMATIC
CHARACTERISTIC
RESISTANCE
VALUE
RES.
TOLERANCE
CAPACITANCE
VALUE
CAP.
TOLERANCE
PACKAGING
SPECIAL
206 = CS206 04 = 4 Pin
08 = 8 Pin
18 = 18 Pin
E = BE
M = BM
A = EA
T = CT
S = Special
C = COG
X = X7R
S= Special
2 digit
significant
figure, followed
by a multiplier
100 = 10
Ω
333 = 33 k
Ω
105 = 1 M
Ω
G = ± 2 %
J = ± 5 %
S = Special
(in pF)
2 digit significant
figure, followed
by a multiplier
330 = 33 pF
392 = 3900 pF
104 = 0.1 µF
K = ± 10 %
M = ± 20 %
S = Special
E = Lead (Pb)-free,
Bulk
P = Tin/Lead,
Bulk
Blank =
Standard
(Dash
Number)
(up to 2
digits)
Historical Part Number example: CS20608BEC103G471KP03 (will continue to be accepted)
CS206
08
B
E
C
103
G
471
KP03
HISTORICAL
MODEL
PIN
COUNT
PACKAGE
HEIGHT
SCHEMATIC
CHARACTERISTIC
RESISTANCE
VALUE
RESISTANCE
TOLERANCE
CAPACITANCE
VALUE
CAPACITANCE
TOLERANCE
PACKAGING
0.250" [6.35] High
("B" Profile)
1
2
3 4
5
6
7 N
Circuit E
0.250" [6.35] High
("B" Profile)
1
2
3
4
5
6
7
N
Circuit M
0.325" [8.26] High
("E" Profile)
1 2
3 4 5 6
7 8
9 10
Circuit A
0.350" [8.89] High
("C" Profile)
1
2
3
4
5
6
7
N
Circuit T
2
0
6
0
8
E
C
1
0
3
G
4
7
1
K
P


유사한 부품 번호 - CS20618ES105G471KE

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Chip Integration Techno...
CS2060CT-A CITC-CS2060CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

유사한 설명 - CS20618ES105G471KE

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com