전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBYV28-150 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SBYV28-150
상세설명  Soft Recovery Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV28-150 데이터시트(HTML) 2 Page - Vishay Siliconix

  SBYV28-150 Datasheet HTML 1Page - Vishay Siliconix SBYV28-150 Datasheet HTML 2Page - Vishay Siliconix SBYV28-150 Datasheet HTML 3Page - Vishay Siliconix SBYV28-150 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBYV28-50 thru SBYV28-200
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88737
Revision: 20-Aug-07
2
Note:
(1) Pulse test: tp = 300 µs, duty cycle ≤ 2 %
Note:
(1) Lead length = 3/8" on P.C. Board with 1.5" x 1.5" copper surface
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SBYV28-50
SBYV28-100 SBYV28-150 SBYV28-200
UNIT
Maximum
instantaneous
forward voltage (1)
3.5 A
TJ = 25 °C
TJ = 150 °C
VF
1.1
0.89
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
TA = 100 °C
IR
5.0
300
µA
Maximum reverse
recovery time
IF = 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
TJ = 25 °C
trr
20
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
20
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBYV28-50
SBYV28-100 SBYV28-150 SBYV28-200
UNIT
Typical thermal resistance (1)
RθJA
25
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SBYV28-200-E3/54
1.138
54
1400
13" diameter paper tape and reel
SBYV28-200-E3/73
1.138
73
1000
Ammo pack packaging
Figure 1. Forward Current Derating Curves
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
5.0
6.0
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
T
L Lead Temperature
T
A, Ambient Temperature
P.C.B. Mounted
0.5 x 0.5" (12 x 12 mm)
Copper Pads
Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
20
30
40
50
60
70
80
90
10 ms Single Half Sine-Wave
T
J = 175 °C
Number of Cycles at 50 Hz


유사한 부품 번호 - SBYV28-150

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SBYV28-150 VISHAY-SBYV28-150 Datasheet
22Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
11-Feb-02
SBYV28-150 VISHAY-SBYV28-150 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-150 TAYCHIPST-SBYV28-150 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
SUNMATE electronic Co.,...
SBYV28-150 SUNMATE-SBYV28-150 Datasheet
172Kb / 2P
   3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-150 VISHAY-SBYV28-150 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
More results

유사한 설명 - SBYV28-150

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com