전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9109N 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDA9109N
상세설명  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 4Page - STMicroelectronics TDA9109N Datasheet HTML 5Page - STMicroelectronics TDA9109N Datasheet HTML 6Page - STMicroelectronics TDA9109N Datasheet HTML 7Page - STMicroelectronics TDA9109N Datasheet HTML 8Page - STMicroelectronics TDA9109N Datasheet HTML 9Page - STMicroelectronics TDA9109N Datasheet HTML 10Page - STMicroelectronics TDA9109N Datasheet HTML 11Page - STMicroelectronics TDA9109N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
HORIZONTAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin 12)
0.65
0.75
V
Hjit
Horizontal Jitter
At 31.4kHz
70
ppm
HD
Horizontal Drive Output Duty-Cycle
Pin 26, see Note 7
48
%
XRAYth
X-RAY Protection Input Threshold Voltage
Pin 25, see Note 8
8
V
Vphi2
Internal Clamping Levels on 2nd PLL
Loop Filter (Pin 4)
Low Level
High Level
1.6
4.0
V
V
VSCinh
Threshold Voltage to Stop H-Out,V-Out,
B-Out and Reset XRAY
when VCC < VSCinh (see Note 8)
Pin 29
7.5
V
HDvd
Horizontal Drive Output (low level)
Pin 26, IOUT = 30mA
0.4
V
HORIZONTAL DYNAMIC FOCUS FUNCTION
HDFst
Horizontal Dynamic Focus Sawtooth
Minimum Level
Maximum Level
Pin 9, capacitor on
HFOCUSCAP and C0 = 820pF,
TH =20
µs
2
4.7
V
V
HDFdis
Horizontal Dynamic Focus Sawtooth
Discharge Width
Start by HFLY center
400
ns
HDFDC
Bottom DC Output Level
RLOAD = 10k
Ω, Pin 10
2
V
TDHDF
DC Output Voltage Thermal Drift
(see Note 5)
200
ppm/C
HDFamp
Horizontal Dynamic Focus Amplitude
Min Byte xxx11111
Typ Byte xxx10000
Max Byte xxx00000
Sub-Address 03, Pin 10,
fH = 50kHz, Symmetry Typ.
1
1.5
3
VPP
VPP
VPP
HDFKeyst
Horizontal Dynamic Focus Symmetry
Min A/B Byte xxx11111
Typ Byte xxx10000
Max A/B Byte xxx00000
Sub-Address 04, fH = 50kHz,
Typ. Amp
B/A
A/B
A/B
2
2
3.5
1.0
3.5
VERTICAL DYNAMIC FOCUS FUNCTION (positive parabola)
AMPVDF
Vertical Dynamic Focus Parabola (added
to horizontal) Amplitude with VAMP and
VPOS Typical
Min. Byte 000000
Typ. Byte 100000
Max. Byte 111111
Sub-Address 0F
0
0.5
1
VPP
VPP
VPP
VDFAMP
Parabola Amplitude Function of VAMP
(tracking between VAMP and VDF) with
VPOS Typ. (see Figure 1 and Note 9)
Sub-Address 05
Byte 10000000
Byte 11000000
Byte 11111111
0.6
1
1.5
VPP
VPP
VPP
VHDFKeyt
Parabola Asymetry Function of VPOS
Control (tracking between VPOS and VDF)
with VAMP Max.
Sub-Address 06
Byte x0000000
Byte x1111111
0.52
0.52
VPP
VPP
Notes : 5. These parameters are not tested on each unit. They are measured during our internal qualification.
7. Duty Cycle is the ratio between the output transistor OFF time and the period. The power transistor is controlled OFF when the
output transistor is OFF.
8. See Figure 14.
9. S and C correction are inhibited so the output sawtooth has a linear shape.
TDA9109/N
8/32


유사한 부품 번호 - TDA9109N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
   LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

유사한 설명 - TDA9109N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com