전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ550 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SMAJ550
상세설명  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ550 데이터시트(HTML) 2 Page - Vishay Siliconix

  SMAJ550 Datasheet HTML 1Page - Vishay Siliconix SMAJ550 Datasheet HTML 2Page - Vishay Siliconix SMAJ550 Datasheet HTML 3Page - Vishay Siliconix SMAJ550 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMAJ530 & SMAJ550
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88391
Revision: 21-Oct-08
2
Note:
(1) Measured at 1 MHz
Note:
(1) Mounted on minimum recommended pad layout
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SMAJ530
SMAJ550
UNIT
Minimum breakdown voltage
100 µA
VBR
530
550
V
Max. clamping voltage
400 mA, 10/1000 µs-waveform
VC
760
V
Maximum DC reverse leakage current
VWM
ID
1.0
µA
Typical temperature coefficient
of VBR
650
mV/°C
Typical capacitance (1)
0 V
CJ
90
pF
200 V
CJ
7.5
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SMAJ530
SMAJ550
UNIT
Typical thermal resistance, junction to lead
RθJL
30
°C/W
Typical thermal resistance, junction to ambient (1)
RθJA
120
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMAJ530-E3/61
0.064
61
1800
7" diameter plastic tape and reel
SMAJ530-E3/5A
0.064
5A
7500
13" diameter plastic tape and reel
SMAJ530HE3/61 (1)
0.064
61
1800
7" diameter plastic tape and reel
SMAJ530HE3/5A (1)
0.064
5A
7500
13" diameter plastic tape and reel
Figure 1. Peak Pulse Power Rating Curve
0.1
1
10
100
td - Pulse Width (s)
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
0
255075
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)


유사한 부품 번호 - SMAJ550

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SMAJ550 GE-SMAJ550 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMAJ550 TSC-SMAJ550 Datasheet
50Kb / 2P
   Surface Mount TransZorbTM Transient Voltage Suppressors
logo
Vishay Siliconix
SMAJ550 VISHAY-SMAJ550 Datasheet
92Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMAJ550 VISHAY-SMAJ550_V01 Datasheet
92Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

유사한 설명 - SMAJ550

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com