전자부품 데이터시트 검색엔진 |
|
HDN 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
HDN 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 5 page www.vishay.com For technical questions, contact: ff2aresistors@vishay.com Document Number: 66001 58 Revision: 03-Jul-08 HDN (Military RNR/RNN) Vishay Angstrohm Hermetic Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNR, Characteristics E and C Notes (1) This typical data is taken from the average resistance shifts from numerous values. The actual shifts are dependent on the value. (2) Any shift during moisture testing is due to the “load” (mini-load life) portion of the test and not due to the effect of moisture MARKING 55, 57 EXAMPLE RNR55C1002FS - Date Code, RTC Code - Resistance Code - Tolerance, Failure Rate, Terminal, JAN - Manufacturer Identification 005C 1002 FSRJ A 60, 65, 70, 75 EXAMPLE RNR60E2501FS - Source Code - Date Code, JAN - Style, Size, RTC Code - Resistance Code, Tolerance, Failure Rate 17745 0005J RNR60E 2501FS COMPARISON OF VISHAY ANGSTROHM CHARACTERISTICS TO MIL SPECIFICATION LIMIT (1) MILITARY STYLE (RNR/RNN) LOAD LIFE Limit ± 2.0 % MOISTURE (2) Limit ± 0.2 % SHOCK Limit ± 0.2 % VIBRATION Limit ± 0.2 % HIGH TEMPERATURE EXPOSURE Limit ± 2.0 % LOW TEMPERATURE OPERATION Limit ± 0.15 % RESISTANCE TO SOLDERING HEAT Limit ± 0.1 % 55 < 0.2 % < 0.03 % < 0.02 % < 0.02 % < 0.4 % < 0.004 % < 0.02 % 57 < 0.3 % < 0.02 % < 0.01 % < 0.01 % < 0.3 % < 0.005 % < 0.01 % 60 < 0.3 % < 0.03 % < 0.01 % < 0.01 % < 0.4 % < 0.004 % < 0.02 % 65 < 0.5 % < 0.03 % < 0.01 % < 0.01 % < 0.4 % < 0.003 % < 0.01 % 70 < 0.6 % < 0.01 % < 0.01 % < 0.01 % < 0.4 % < 0.006 % < 0.01 % 75 < 0.5 % < 0.02 % < 0.01 % < 0.01 % < 0.3 % < 0.010 % < 0.01 % |
유사한 부품 번호 - HDN |
|
유사한 설명 - HDN |