전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1120C16K3PBF 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 ST1120C16K3PBF
상세설명  Phase Control Thyristors (Hockey PUK Version), 1650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1120C16K3PBF 데이터시트(HTML) 4 Page - Vishay Siliconix

  ST1120C16K3PBF Datasheet HTML 1Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 2Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 3Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 4Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 5Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 6Page - Vishay Siliconix ST1120C16K3PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94394
4
Revision: 11-Aug-08
ST1200C..KP Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 1650 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
Average On-state Current (A)
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800 1000 1200
30°
60°
90°
120°
180°
Conduction Angle
ST1200C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
Average On-state Current (A)
20
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
DC
30°
60°
90°
120°
180°
Conduction Period
ST1200C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
Average On-state Current (A)
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
30°
60°
90°
120°
180°
Conduction Angle
ST1200C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-state Current (A)
20
30
40
50
60
70
80
90
100
110
120
130
0
600 1200
1800 2400 3000
3600
DC
30°
60°
90°
120°
180°
Conduction Period
ST1200C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-state Current (A)
0
500
1000
1500
2000
2500
3000
3500
4000
0
400
800
1200
1600
2000
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
ST1200C..K Series
T = 125°C
J
Average On-state Current (A)
0
1000
2000
3000
4000
5000
0
600 1200 1800 2400 3000 3600
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
ST1200C..K Series
T = 125°C
J


유사한 부품 번호 - ST1120C16K3PBF

제조업체부품명데이터시트상세설명
logo
E-SWITCH
ST112001 E-SWITCH-ST112001 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112003 E-SWITCH-ST112003 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112005 E-SWITCH-ST112005 Datasheet
179Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112008 E-SWITCH-ST112008 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112012 E-SWITCH-ST112012 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

유사한 설명 - ST1120C16K3PBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST1200CK VISHAY-VS-ST1200CK_V01 Datasheet
206Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
01-Jan-2022
VS-ST1200CK VISHAY-VS-ST1200CK Datasheet
208Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 27-Sep-17
VS-ST1200C..K VISHAY-VS-ST1200C..K Datasheet
205Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 AS
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com