전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3D227 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 TP3D227
상세설명  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3D227 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button TP3D227 Datasheet HTML 4Page - Vishay Siliconix TP3D227 Datasheet HTML 5Page - Vishay Siliconix TP3D227 Datasheet HTML 6Page - Vishay Siliconix TP3D227 Datasheet HTML 7Page - Vishay Siliconix TP3D227 Datasheet HTML 8Page - Vishay Siliconix TP3D227 Datasheet HTML 9Page - Vishay Siliconix TP3D227 Datasheet HTML 10Page - Vishay Siliconix TP3D227 Datasheet HTML 11Page - Vishay Siliconix TP3D227 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TP3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Vishay Sprague
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
61
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
4.7
B
TP3B475(1)025(2)2800AS
1.2
6
2.800
0.17
4.7
B
TP3B475(1)025(2)1500AS
1.2
6
1.500
0.24
4.7
C
TP3C475(1)025(2)2000AS
1.2
6
2.000
0.24
4.7
C
TP3C475(1)025(2)0525AS
1.2
6
0.525
0.46
6.8
B
TP3B685(1)025(2)2400AS
1.7
6
2.400
0.19
6.8
C
TP3C685(1)025(2)1700AS
1.7
6
1.700
0.25
6.8
C
TP3C685(1)025(2)0500AS
1.7
6
0.500
0.47
10
C
TP3C106(1)025(2)1500AS
2.5
6
1.500
0.27
10
C
TP3C106(1)025(2)0450AS
2.5
6
0.450
0.49
10
D
TP3D106(1)025(2)1000AS
2.5
6
1.000
0.39
10
D
TP3D106(1)025(2)0300AS
2.5
6
0.300
0.71
15
C
TP3C156(1)025(2)1200AS
3.8
6
1.200
0.30
15
C
TP3C156(1)025(2)0425AS
3.8
6
0.425
0.51
15
D
TP3D156(1)025(2)0800AS
3.8
6
0.800
0.43
15
D
TP3D156(1)025(2)0250AS
3.8
6
0.250
0.77
22
C
TP3C226(1)025(2)1200AS
5.5
6
1.200
0.30
22
C
TP3C226(1)025(2)0400AS
5.5
6
0.400
0.52
22
D
TP3D226(1)025(2)0700AS
5.5
6
0.700
0.46
22
D
TP3D226(1)025(2)0200AS
5.5
6
0.200
0.87
33
D
TP3D336(1)025(2)0700AS
8.3
6
0.700
0.46
33
D
TP3D336(1)025(2)0200AS
8.3
6
0.200
0.87
33
E
TP3E336(1)025(2)0600AS
8.3
6
0.600
0.52
33
E
TP3E336(1)025(2)0200AS
8.3
6
0.200
0.91
47
E
TP3E476(1)025(2)0600AS
11.8
6
0.600
0.52
47
E
TP3E476(1)025(2)0200AS
11.8
6
0.200
0.91
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
0.10
A
TP3A104(1)035(2)20R0AS
0.5
4
20.000
0.06
0.10
A
TP3A104(1)035(2)10R0AS
0.5
4
10.000
0.09
0.15
A
TP3A154(1)035(2)18R0AS
0.5
4
18.000
0.07
0.15
A
TP3A154(1)035(2)6000AS
0.5
4
6.000
0.11
0.22
A
TP3A224(1)035(2)15R0AS
0.5
4
15.000
0.07
0.22
A
TP3A224(1)035(2)6000AS
0.5
4
6.000
0.11
0.33
A
TP3A334(1)035(2)13R0AS
0.5
4
13.000
0.08
0.33
A
TP3A334(1)035(2)6000AS
0.5
4
6.000
0.11
0.47
A
TP3A474(1)035(2)10R0AS
0.5
4
10.000
0.09
0.47
A
TP3A474(1)035(2)4000AS
0.5
4
4.000
0.14
0.47
B
TP3B474(1)035(2)8000AS
0.5
4
8.000
0.10
0.47
B
TP3B474(1)035(2)2500AS
0.5
4
2.500
0.18
0.68
A
TP3A684(1)035(2)7600AS
0.5
4
7.600
0.10
0.68
A
TP3A684(1)035(2)4000AS
0.5
4
4.000
0.14
0.68
B
TP3B684(1)035(2)6500AS
0.5
4
6.500
0.11
0.68
B
TP3B684(1)035(2)2500AS
0.5
4
2.500
0.18
1.0
A
TP3A105(1)035(2)7500AS
0.5
4
7.500
0.10
1.0
A
TP3A105(1)035(2)4000AS
0.5
4
4.000
0.14
1.0
B
TP3B105(1)035(2)5000AS
0.5
4
5.000
0.13
1.0
B
TP3B105(1)035(2)2000AS
0.5
4
2.000
0.21
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


유사한 부품 번호 - TP3D227

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TP3D227K010C0100AS VISHAY-TP3D227K010C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0125AS VISHAY-TP3D227K010C0125AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0600AS VISHAY-TP3D227K010C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0100AS VISHAY-TP3D227K6R3C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0600AS VISHAY-TP3D227K6R3C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

유사한 설명 - TP3D227

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com