전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA5115 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 TEA5115
상세설명  5 CHANNELS VIDEO SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5115 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button TEA5115 Datasheet HTML 2Page - STMicroelectronics TEA5115 Datasheet HTML 3Page - STMicroelectronics TEA5115 Datasheet HTML 4Page - STMicroelectronics TEA5115 Datasheet HTML 5Page - STMicroelectronics TEA5115 Datasheet HTML 6Page - STMicroelectronics TEA5115 Datasheet HTML 7Page - STMicroelectronics TEA5115 Datasheet HTML 8Page - STMicroelectronics TEA5115 Datasheet HTML 9Page - STMicroelectronics TEA5115 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
18
10
19
Be
D
Z
b
Z
e3
b1
E
PACKAGE MECHANICAL DATA
18 PINS – PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.254
0.010
B
1.39
1.65
0.055
0.064
b
0.46
0.018
b1
0.25
0.010
D
23.24
0.914
E
8.5
0.335
e
2.54
0.100
e3
20.32
0.800
F
7.1
0.280
i
3.93
0.155
L
3.3
0.130
Z
1.27
1.59
0.050
0.062
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsi-
bility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which
may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON
Microelectronics. Specifications mentioned in this publ ication are subject to change without notice. This pub lication supersedes
and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical
components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TEA5115
10/10


유사한 부품 번호 - TEA5115

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
   RGB SWITCHING CIRCUIT
May 1996
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
More results

유사한 설명 - TEA5115

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
   Three Channels Video Driver
logo
New Japan Radio
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
STMicroelectronics
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
   STMAV340 has 4 channels and a 2 to 1 video switch
logo
Richtek Technology Corp...
RT9645 RICHTEK-RT9645 Datasheet
389Kb / 13P
   5 Channels ACPI Regulator
logo
Integrated Device Techn...
IDTVS512 IDT-IDTVS512 Datasheet
142Kb / 8P
   WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com